Electronic Components Datasheet Search
  English  ▼

X  

AP1507 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1507
Description  3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1507 Datasheet HTML 4Page - Diodes Incorporated AP1507 Datasheet HTML 5Page - Diodes Incorporated AP1507 Datasheet HTML 6Page - Diodes Incorporated AP1507 Datasheet HTML 7Page - Diodes Incorporated AP1507 Datasheet HTML 8Page - Diodes Incorporated AP1507 Datasheet HTML 9Page - Diodes Incorporated AP1507 Datasheet HTML 10Page - Diodes Incorporated AP1507 Datasheet HTML 11Page - Diodes Incorporated AP1507 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP1507
Application Information
Pin Functions
+VIN
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be present at this pin to minimize
voltage transients and to supply the switching currents needed by the regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches between (+VIN – VSAT) and approximately -0.5V with a duty cycle of approximately VOUT/VIN.
To minimize coupling to sensitive circuitry, the PCB copper area connected to this pin must be kept at a minimum.
Feedback (FB)
Senses the regulated output voltage to complete the feedback loop.
ON/OFF (SD)
Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply current to approximately
150µA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a
maximum of 18V) shuts the regulator down. If this shutdown feature is not required, the ON/OFF pin can be wired to the ground pin.
Thermal Considerations
The TO-252 surface mount package tab is designed to be soldered to the copper on a PCB. The copper and the board are the heat sink for
this package and the other heat producing components, such as the catch diode and inductor. The PCB copper area that the package is
soldered to should be at least 0.8 in
2
and ideally should have two or more square inches of 2oz additional copper area, which improves the
thermal characteristics. With copper areas greater than approximately 6in
2
, only small improvements in heat dissipation are realized. If
further thermal improvements are required, double sided, multi-layer PCBs with large copper areas and/or airflow are recommended.
The AP1507 (TO-252 package) junction temperature rises above ambient temperature with a 3A load for various input and output voltages.
This data was taken with the circuit operating as a buck-switching regulator with all components mounted on a PCB to simulate the junction
temperature under actual operating conditions. This curve can be used for a quick check for the approximate junction temperature for various
conditions, but there are many factors that can affect the junction temperature. When load currents higher than 3A are used, double-sided or
multi-layer PCBs with large copper areas and/or airflow might be required, especially for high ambient temperatures and high output
voltages.
For the best thermal performance, wide copper traces and generous amounts of PCB copper should be used in the board layout. One
exception to this is the output (switch) pin, which should not have large areas of copper. Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature rise numbers are all approximate, and there are many factors that will affect these
numbers. Some of these factors include board size, shape, thickness, position, location, and even board temperature. Other factors are trace
width, total PC copper area, copper thickness, single- or double-sided, multi-layer board, and the amount of solder on the board. The
effectiveness of the PCB to dissipate heat also depends on the size, quantity, and spacing of other components on the board, as well as
whether the surrounding air is still or moving. Furthermore, some of these components, such as the catch diode, add heat to the PCB, and
the heat can vary as the input voltage changes. Depending on the physical size, type of core material, and the DC resistance, the inductor
can either act as a heat sink taking heat away from the board, or it could add heat to the board.
AP1507
Document number: DS31067 Rev. 4 - 2
17 of 12
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com