Electronic Components Datasheet Search
  English  ▼

X  

DM9102D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM9102D
Description  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM9102D Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
DM9102D
Single Chip Fast Ethernet NIC Controller
Preliminary datasheet
3
Version: DM9102D-DS-P02
Jan. 14, 2005
7.3.4 Physical Layer Overview.............................................48
7.4 Serial Management Interface.........................................49
7.4.1 Management Interface - Read Frame Structure ....49
7.4.2 Management Interface - Write Frame Structure ...49
7.5 Power Management .......................................................51
7.5.1 Overview .......................................................................51
7.5.2 PCI Function Power Management Status ................51
7.5.3 The Power Management Operation..........................51
7.6 Sample Frame Programming Guide ............................53
7.7 EEPROM Overview........................................................54
7.7.1 Subsystem ID .............................................................54
7.7.2 Vendor ID ....................................................................54
7.7.3 Auto_ Load_ Control....................................................54
7.7.4 New_ Capabilities_ Enable.........................................54
7.7.5 PMC...............................................................................54
7.7.6 Byte Offset (15).............................................................54
7.7.7 Ethernet Address .........................................................55
7.7.8 Example of DM9102D EEPROM Format.................55
7.8 External MII Interface ......................................................56
7.8.1 The Sharing Pin Table.................................................56
8. DC and AC Electrical Characteristics..............................57
8.1 Absolute Maximum Ratings( 25
°C )..............................57
8.2 Operating Conditions ......................................................57
8.3 DC Electrical Characteristics..........................................58
8.4 AC Electrical Characteristics & Timing Waveforms ....59
8.4.1 PCI Clock Specifications Timing...........…………….59
8.4.2 Other PCI Signals Timing Diagram............................59
8.4.3 Boot ROM Timing ........................................................60
8.4.4 EEPROM Read Timing...............................................60
8.4.5 TP Interface...................................................................61
8.4.6 Oscillator/Crystal Timing..............................................61
8.4.7 Auto-negotiation and Fast Link Pulse Timing
Parameters.....................................................................61
8.4.8 Fast Link Pulses...........................................................61
9. Application Notes...............................................................62
9.1 Network Interface Signal Routing..................................62
9.2 10Base-T/100Base-TX Application Figure 9-1 .........62
9.3 10Base-T/100Base-TX (Power Reduction Application)
Figure 9-2.......................................................................63
9.4 Power Supply Decoupling Capacitors Figure 9-3.....64
9.5 Ground Plane Layout
Figure 9-4-1
Figure 9-4-2 Figure 9-4-3 .............65
9.6 Power Plane Partitioning Figure 9-5...........................66
9.7 Magnetics Selection Guide
Table 9-1: 10/100M Magnetic Sources......................67
Table 9-2: Magnetic Specification Requirements .....67
9.8 Crystal Selection Guide
Table 9-3: Crystal Specifications.................................68
Figure 9-6: Crystal Circuit Diagram.............................68
10 Package Information........................................................69
Package Information (128 pin, LQFP) ...........................69
11. Ordering Information…………………………………..70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com