Electronic Components Datasheet Search
  English  ▼

X  

DM9102D Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # DM9102D
Description  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102D Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button DM9102D Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
32
Preliminary datasheet
Version: DM9102D-DS-P02
Jan. 14, 2005
5
Reserved
0,RO
Reserved
4
TWDE
0,RW
Watchdog Timer Disable
When set, the Watchdog Timer is disabled. Otherwise it is enabled.
3:1
Reserved
0,RO
Reserved
0
TJE
0,RW
Transmit Jabber Disable
When set, the transmit Jabber is disabled. Otherwise it is enabled.
6.3 PHY Management Register Set
Offset
Register Name
Description
Default value after reset
0
BMCR
Basic Mode Control Register
3100H
1
BMSR
Basic Mode Status Register
7849H
2
PHYIDR1
PHY Identifier Register #1
0181H
3
PHYIDR2
PHY Identifier Register #2
B8A0H
4
ANAR
Auto-Negotiation Advertisement Register
01E1H
5
ANLPAR
Auto-Negotiation Link Partner Ability Register
0000H
6
ANER
Auto-Negotiation Expansion Register
0000H
7-15
Reserved
Reserved
0000H
10H
DSCR
DAVICOM Specified Configuration Register
0414H
11H
DSCSR
DAVICOM Specified Configuration/Status Register
F210H
12H
10BTCSR
10BASE-T Configuration/Status Register
7800H
13H
PWDOR
Power Down Control Register
0000H
14H
MDIX
Aoto-MDI/MDIX Control Register
0000H
Others
Reserved
Reserved for future use, do not read/write to these
Registers
0000H
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type> / <Attribute(s)>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
(PIN#)
Value latched in from pin # at reset
<Access Type>:
RO = Read only
RW = Read/Write
RC = cleared after read
<Attribute (s)>:
SC = Self clearing
P = Value permanently set
LL = Latching low
LH = Latching high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com