Electronic Components Datasheet Search
  English  ▼

X  

DM9102D Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # DM9102D
Description  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102D Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button DM9102D Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Preliminary datasheet
45
Version: DM9102D-DS-P02
Jan. 14, 2005
Bit 1: FUE, FIFO Underrun Error
It is set to indicate that the transmission aborted due to
transmit FIFO underrun condition.
Bit 0: DF, Deferred
It is set to indicate that the frame is deferred before ready to
transmit.
TDES1: Transmit buffer control and buffer size
31
30
29
28
27
26
25
24
23
22
21 ~ 11
10 ~ 0
CI
ED
BD
FMB1 SETF CAD
///
CE
PD FMB0
Buffer Length
Bit 31: CI, Completion Interrupt
It is set to enable transmit interrupt after the present frame
has been transmitted. It is valid only when TDES1<30> is
set or when it is a setup frame.
Bit 30: ED, Ending Descriptor
It is set to indicate the pointed buffer contains the last
segment of a frame.
Bit 29: BD, Begin Descriptor
It is set to indicate the pointed buffer contains the first
segment of a frame.
Bit 28: FMB1, Filtering Mode Bit 1
This bit is used with FMB0 to indicate the filtering type when
the present frame is a setup frame.
Bit 27: SETF, Setup Frame
It is set to indicate the current frame is a setup frame.
Bit 26: CAD, CRC Append Disable
It is set to disable the CRC appending at the end of the
transmitted frame. Valid only when TDES1<29> is set.
Bit 24: CE, Chain Enable
Must be “1”.
Bit 23: PD, Padding Disable
This bit is set to disable the padding field for a packet shorter
than 64 bytes.
Bit 22: FMB0, Filtering Mode Bit 0
This bit is used with FMB1 to indicate the filtering type when
the present frame is a setup frame.
FMB1
FMB0
Filtering Type
0
0
Perfect Filtering
0
1
Hash Filtering
1
0
Inverse Filtering
1
1
Hash-Only Filtering.
Bit 21: IP Packet Checksum Generation
This bit is set to enable the IP packet checksum generation,
if per-packet checksum in CR15 bit 31 is enabled
Bit 20: TCP Packet Checksum Generation
This bit is set to enable the TCP packet checksum
generation, if per-packet checksum in CR15 bit 31 is
enabled.
Bit 19: UDP Packet Checksum Generation
This bit is set to enable the UDP packet checksum
generation, if per-packet checksum in CR15 bit 31 is
enabled.
Bit 10-0: Buffer 1 length
Indicates the size of buffer in Chain type structure.
TDES2: Buffer Starting Address indicates the physical starting address of buffer.
31
0
Buffer Address 1
TDES3: Address indicates the next descriptor starting address
Indicates the physical starting address of the chained descriptor under the Chain descriptor structure.
This address must be eight-word alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com