Electronic Components Datasheet Search
  English  ▼

X  

DM9102D Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # DM9102D
Description  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102D Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button DM9102D Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
44
Preliminary datasheet
Version: DM9102D-DS-P02
Jan. 14, 2005
31
0
OWN
Status
Control
bits
Buffer Address
Next Descriptor Address
TDES0
TDES1
TDES2
TDES3
Buffer Length
OWN
Transmit Descriptor Format
TDES0: Owner Bit with Transmit Status
Bit 31: OWN,
1=owned by DM9102D, 0=owned by host, this bit should be
set when the transmitting buffer is filled with data and ready
to be transmitted. It will be reset by DM9102D after
transmitting the whole data buffer.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ES
EC
0
CC
TX
JT
LOC
NC
LC
0
FUE
DF
This word wide content includes status of transmitted frame.
They are loaded after the data buffer that belongs to the
corresponding descriptor is transmitted.
Bit 15: ES, Error Summary
It is set for the following error conditions:
Transmit Jabber Time-out (TXJT=1), Loss of Carrier
(LOC=1), No Carrier (NC=1), Late Collision (LC=1),
Excessive Collision (EC=1), FIFO Underrun Error (FUE=1).
Bit 14: TXJT, Transmit Jabber Time Out
It is set to indicate the transmitted frame is truncated due to
transmit jabber time out condition. The transmit jabber time
out interrupt CR5<3> is set.
Bit 11: LOC, Loss of Carrier
It is set to indicate the loss of carrier during the frame
transmission. It is not valid in internal loopback mode.
Bit 10: NC, No Carrier
It is set to indicate that no carrier signal from transceiver is
found. It is not valid in internal loopback mode.
Bit 9: LC, Late Collision
It is set to indicate a collision occurs after the collision
window of 64 bytes. Not valid if FUE is set.
Bit 8: EC, Excessive collision
It is set to indicate that the transmission is aborted due to 16
excessive collisions.
Bit 7: Reserved
This bit is 0 when read.
Bits 6-3: CC, Collision Count
These
bits
show
the
number
of
collision
before
transmission. Not valid if excessive collision bit is also set.
Bit 2: Reserved
This bit is 0 when read.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
OWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com