Electronic Components Datasheet Search
  English  ▼

X  

DM9102D Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM9102D
Description  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102D Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9102D Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
Preliminary datasheet
Version: DM9102D-DS-P02
Jan. 14, 2005
mode 0 = Link and traffic LED. Active low to indicate normal
link, and it will flash as a traffic LED when transmitting or
receiving.
mode 1 = traffic LED only
88
FDX#
O/D
LED Output Pin, Active Low
mode 0 = Full duplex LED
mode 1 = Full duplex LED
89
SPD100#
O/D
LED Output Pin, Active Low
mode 0 = 100Mbps LED
mode 1 = 100Mbps LED
90
SPD10#
O/D
LED Output Pin, Active Low
mode 0 = 10Mbps LED
mode 1 = Link LED
5.4 Network Interface
Pin No.
128LQFP
Pin Name
I/O
Description
105,106
RXI+
RX-
I
100M/10Mbps Differential Input Pair.
These two pins are differential receive input pair for
100BASE-TX and 10BASE-T. They are capable of receiving
100BASE-TX MLT-3 or 10BASE-T Manchester encoded
data.
109,110
TXO+
TXO-
O
100M/10Mbps differential output pair.
These two pins are differential output pair for 100BASE-TX
and 10BASE-T. This output pair provides controlled rising and
falling time, designed to filter the transmitter’s output.
5.5 Miscellaneous Pins
Pin No.
128LQFP
Pin Name
I/O
Description
75
IDSEL2
O
PCI IDSEL 2.
When this pin is pulled high, the PCI multiple function is
present, and it act as PCI IDSEL2 function.
84
REQ2#
O
PCI Request 2
If the PCI multiple function mode is selected, this pin act as the
PCI REQ2# function.
83
GNT2#
I
PCI GNT2#
If the PCI multiple function mode is selected, this pin act as
GNT2# function.
When this pin is pulled high, the DM9102D is in LED mode 1
otherwise the led mode 0 is selected.
36
CLOCKRUN#
I/O
Clockrun#
The clockrun# signal is used by the system to pause or slow
down the PCI clock signal. It is used by the DM9102D to
enable or disable suspension or restart of the PCI clock. When
the CLOCKRUN# pin is not used, this pin should be connected
to an external pulled down resistor.
71
TEST2
I
TEST mode control 2
In normal operation, tie high to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com