Electronic Components Datasheet Search
  English  ▼

X  

DM9161AE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM9161AE
Description  10/100 MBPS FAST ETHEMET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9161AE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM9161AE Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
DM9161A
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
3
Preliminary
Version: DM9161A-DS-P04
Jan. 19, 2005
1. General Description
The DM9161A is a physical layer, single-chip, and low power transceiver for 100BASE-TX and 10BASE-T
operations. On the media side, it provides a direct interface either to Unshielded Twisted Pair Category 5 Cable
(UTP5) for 100BASE-TX Fast Ethernet, or UTP5/UTP3 Cable for 10BASE-T Ethernet. Through the Media
Independent Interface (MII), the DM9161A connects to the Medium Access Control (MAC) layer, ensuring a high
inter operability from different vendors.
TheDM9161A uses a low power and high performance advanced CMOS process. It contains the entire physical
layer functions of 100BASE-TX as defined by IEEE802.3u, including the Physical Coding Sublayer (PCS),
Physical Medium Attachment (PMA), Twisted Pair Physical Medium Dependent Sublayer (TP-PMD), 10BASE-TX
Encoder/Decoder (ENC/DEC), and Twisted Pair Media Access Unit (TPMAU). The DM9161A provides a strong
support for the auto-negotiation function, utilizing automatic media speed and protocol selection. Furthermore, due
to the built-in wave shaping filter, the DM9161A needs no external filter to transport signals to the media in
100BASE-TX or 10BASE-T Ethernet operation.
2. Features
Fully comply with IEEE 802.3 / IEEE 802.3u 10Base-T/
100Base-TX, ANSI X3T12 TP-PMD 1995 standard
Support MDI/MDI-X auto crossover function
(Auto-MDI)
Support Auto-Negotiation function, compliant with IEEE
802.3u
Fully integrated Physical layer transceiver On-chip
filtering with direct interface to magnetic transformer
Selectable repeater or node mode
Selectable MII or RMII (Reduced MII) mode for
100Base-TX and 10Base-TX. Selectable MII or GPSI
(7-Wired) mode for 10Base-T
Selectable full-duplex or half-duplex operation
MII management interface with maskable interrupt
output capability
Provide Loopback mode for easy system
diagnostics
LED status outputs indicate Link/ Activity, Speed10/100
and Full-duplex/Collision. Support Dual-LED optional
control
Single low power Supply of 3.3V with an advanced
CMOS technology
Very Low Power consumption modes:
● Power Reduced mode (cable detection)
● Power Down mode
● Selectable TX drivers for 1:1 or 1.25:1 transformers
for additional power reduction. 1: 1 transformers only
when Auto MDIX Enable .
Compatible with 3.3V and 5.0V tolerant I/Os
48-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com