Electronic Components Datasheet Search
  English  ▼

X  

DM9161AE Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # DM9161AE
Description  10/100 MBPS FAST ETHEMET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9161AE Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button DM9161AE Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Preliminary
36
Version: DM9161A-DS-P04
Jan.19, 2005
9. DC and AC Electrical Characteristics
9.1 Absolute Maximum Ratings ( 25
°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD,
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.3
3.6
V
Tstg
Storage Temperature Rang (Tstg)
-65
+150
°C
Tc
Case Temperature
0
85
°C
LT
Lead Temp. (TL, Soldering, 10 sec.)
-
235
°C
9.2 Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD
Supply Voltage
3.135
3.465
V
TA
Ambient Temperature
0
70
°C
Tc
Case Temperature
-
85
°C
As TA = 70
°C
100BASE-TX
-
92
mA
3.3V
10BASE-T TX, normal activity traffic
50% utility.
-
72
mA
3.3V
10BASE-T idle
-
25
mA
3.3V
Auto-negotiation
-
52
mA
3.3V
Power Reduced Mode (without cable )
-
25
mA
3.3V
PD
(Power Dissipation)
Power Down Mode
-
3.8
mA
3.3V
Comments
Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional
operation of this device at these or any other
conditions above those indicated that in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com