Electronic Components Datasheet Search
  English  ▼

X  

DM9161AE Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # DM9161AE
Description  10/100 MBPS FAST ETHEMET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9161AE Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button DM9161AE Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9161AE Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
39
Preliminary
Version: DM9161A-DS-P04
Jan.19,2005
9.4.6 100BASE-TX Transmit Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tTXc
TXCLK Cycle Time
39.998
40
40.002
ns
50ppm
tTXh, tTXl
TXCLK High/Low Time
16
20
24
ns
tTXs
TXD [0:3], TXEN, TXER Setup To TXCLK High
12
-
-
ns
tTXh
TXD [0:3], TXEN, TXER Hold From TXCLK High
0
-
-
ns
tTXOD
TXCLK to Output Delay
25
ns
t1
TXEN Sampled To CRS Asserted
-
4
-
BT
t2
TXEN Sampled To CRS De-asserted
-
4
-
BT
tTXpd
TXEN Sampled To TX+/- Out (Tx Latency)
-
8
-
BT
tTXr/f
100TX Driver Rise/Fall Time
3
4
5
ns
90% To 10%, Into
100ohm Differential
Note 1. Typical values are at 25℃and are for design aid only; not guaranteed and not subject to production testing.
9.4.7 100BASE-TX Transmit Timing Diagram
TXCLK
tTX
h
t2
tTX
S
t1
tTX
pd
tTX
r/f
TXD [0:3],
TXEN, TXER
CRS
100TX+/-
tTXc
tTXh
tTXOD
9.4.8 100BASE-TX Receive Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tRXc
RXCLK Cycle Time
39.998
40
40.002
50ppm
TRXh, tRXl
RXCLK High/Low Time
16
20
24
tRXs
RXD [0:3], RXDV, RXER Setup To RXCLK High
10
-
-
ns
tRXh
RXD [0:3], RXDV, RXER Hold From RXCLK High
10
-
-
ns
tRXpd
RX+/- In To RXD [0:3] Out (Rx Latency)
-
15
-
BT
t1
CRS Asserted To RXD [0:3], RXDV, RXER
-
4
-
BT
t2
CRS De-asserted To RXD [0:3], RXDV, RXER
-
0
-
BT
t3
RX+/- In To CRS Asserted
10
-
14
BT
t4
RX+/- Quiet To CRS De-asserted
14
-
18
BT
t5
RX+/- In To COL De-Asserted
14
-
18
BT
1. Typical values are at 25℃and are for design aid only; not guaranteed and not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com