Electronic Components Datasheet Search
  English  ▼

X  

LTC3204 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3204
Description  Low Noise Regulated Charge Pump in 2 X 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3204 Datasheet HTML 3Page - Linear Technology LTC3204 Datasheet HTML 4Page - Linear Technology LTC3204 Datasheet HTML 5Page - Linear Technology LTC3204 Datasheet HTML 6Page - Linear Technology LTC3204 Datasheet HTML 7Page - Linear Technology LTC3204 Datasheet HTML 8Page - Linear Technology LTC3204 Datasheet HTML 9Page - Linear Technology LTC3204 Datasheet HTML 10Page - Linear Technology LTC3204 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5
7
3204fa
TheLTC3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5
use a switched capacitor charge pump to boost VIN to a
regulatedoutputvoltage.Regulationisachievedbysensing
the output voltage through an internal resistor divider and
modulating the charge pump output current based on the
error signal. A 2-phase nonoverlapping clock activates the
chargepumpswitches.Theflyingcapacitorischargedfrom
VIN on the first phase of the clock. On the second phase
of the clock it is stacked in series with VIN and connected
to VOUT. This sequence of charging and discharging the
flying capacitor continues at a free running frequency of
1.2MHz (typ).
Shutdown Mode
In shutdown mode, all circuitry is turned off and the
LTC3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5
draws only leakage current from the VIN supply. Further-
more, VOUT is disconnected from VIN. The SHDN pin is a
CMOSinputwithathresholdvoltageofapproximately0.7V.
TheLTC3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5
are in shutdown when a logic low is applied to the SHDN
pin. Since the SHDN pin is a very high impedance CMOS
input, it should never be allowed to float. To ensure that
its state is defined, it must always be driven with a valid
logic level.
Since the output voltages of these devices can go above
the input voltage, special circuitry is required to control
theinternallogic.Detectionlogicwilldrawaninputcurrent
of 5µA when the devices are in shutdown. However, this
current will be eliminated if the output voltage (VOUT) is
less than approximately 0.8V.
Burst Mode Operation
The LTC3204-3.3/LTC3204-5 provide automatic Burst
Mode operation to reduce supply current at light loads.
Burst Mode operation is initiated if the output load current
falls below an internally programmed threshold. Once
(Refer to the Block Diagram)
Burst Mode operation is initiated, the part shuts down
the internal oscillator to reduce the switching losses and
goes into a low current state. This state is referred to as
the sleep state in which the IC consumes only about 40µA
from the input. When the output voltage droops enough
to overcome the burst comparator hysteresis, the part
wakes up and commences normal fixed frequency opera-
tion. The output capacitor recharges and causes the part
to reenter the sleep state if the output load still remains
less than the Burst Mode threshold. This Burst Mode
threshold varies with VIN, VOUT and the choice of output
storage capacitor.
Soft-Start
TheLTC3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5
havebuilt-insoft-startcircuitrytopreventexcessivecurrent
flowduringstart-up.Thesoft-startisachievedbycharging
an internal capacitor with a very weak current source. The
voltage on this capacitor, in turn, slowly ramps the amount
of current available to the output storage capacitor from
zero to a value of 300mA over a period of approximately
0.75ms. The soft-start circuit is reset in the event of a
commanded shutdown or thermal shutdown.
Short-Circuit/Thermal Protection
TheLTC3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5
havebuilt-inshort-circuitcurrentlimitaswellasover-tem-
perature protection. During a short-circuit condition, they
willautomaticallylimittheiroutputcurrenttoapproximately
300mA. At higher temperatures, or if the input voltage is
high enough to cause excessive self-heating of the part,
the thermal shutdown circuitry will shutdown the charge
pumponcethejunctiontemperatureexceedsapproximately
160°C. It will enable the charge pump once the junction
temperature drops back to approximately 150°C. The
LTC3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5will
cycle in and out of thermal shutdown indefinitely without
latchup or damage until the short-circuit condition on
VOUT is removed.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com