Electronic Components Datasheet Search
  English  ▼

X  

LTC3204 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3204
Description  Low Noise Regulated Charge Pump in 2 X 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3204 Datasheet HTML 2Page - Linear Technology LTC3204 Datasheet HTML 3Page - Linear Technology LTC3204 Datasheet HTML 4Page - Linear Technology LTC3204 Datasheet HTML 5Page - Linear Technology LTC3204 Datasheet HTML 6Page - Linear Technology LTC3204 Datasheet HTML 7Page - Linear Technology LTC3204 Datasheet HTML 8Page - Linear Technology LTC3204 Datasheet HTML 9Page - Linear Technology LTC3204 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5
6
3204fa
GND (Pin 1, 7): Ground. These pins should be tied to a
groundplaneforbestperformance.Theexposedpadmust
be soldered to PCB ground to provide electrical contact
and optimum thermal performance.
VIN (Pin 2): Input Supply Voltage. VIN should be bypassed
with a 1µF to 4.7µF low ESR ceramic capacitor.
VOUT (Pin 3): Regulated Output Voltage. VOUT should be
bypassed with a low ESR ceramic capacitor providing at
least 2µF of capacitance as close to the pin as possible
for best performance.
C+ (Pin 4): Flying Capacitor Positive Terminal.
C– (Pin 5): Flying Capacitor Negative Terminal.
SHDN (Pin 6): Active Low Shutdown Input. A low on
SHDNdisablestheLTC3204-3.3/LTC3204-5/LTC3204B-3.3/
LTC3204B-5. This pin must not be allowed to float.
VOUT
VIN
SHDN
C+
C–
3204 BD
CHARGE
PUMP
1.2MHz
OSCILLATOR
SOFT-START
AND
SWITCH CONTROL
GND
5
4
1, 7
2
3
6
PI FU CTIO S
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com