Electronic Components Datasheet Search
  English  ▼

X  

LTC3204 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3204
Description  Low Noise Regulated Charge Pump in 2 X 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204 Datasheet(HTML) 3 Page - Linear Technology

  LTC3204 Datasheet HTML 1Page - Linear Technology LTC3204 Datasheet HTML 2Page - Linear Technology LTC3204 Datasheet HTML 3Page - Linear Technology LTC3204 Datasheet HTML 4Page - Linear Technology LTC3204 Datasheet HTML 5Page - Linear Technology LTC3204 Datasheet HTML 6Page - Linear Technology LTC3204 Datasheet HTML 7Page - Linear Technology LTC3204 Datasheet HTML 8Page - Linear Technology LTC3204 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5
3
3204fa
TYPICAL PERFOR
CE CHARACTERISTICS
A
TEMPERATURE (
°C)
–50
150
3204 G05
0
50
100
TEMPERATURE (
°C)
–50
150
0
50
100
3204 G04
0.7
0.8
0.6
0.5
0.9
0.7
0.8
0.6
0.5
0.9
0.6
0.7
0.5
0.4
0.8
SUPPLY VOLTAGE (V)
1.5
1.50
1.25
1.00
0.75
0.50
0.25
0
2.0
2.5
3.0
3.5
4.0
4.5
3204 G01
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3204 G03
TEMPERATURE (
°C)
–50
1.4
1.3
1.2
1.1
1.0
0.9
0.8
–20
10
40
70
100
130
3204 G02
SUPPLY VOLTAGE (V)
350
300
250
200
150
100
50
0
3204 G06
1.5
2.0
2.5
3.0
3.5
4.0
4.5
DEVICE CYCLES
IN AND OUT OF
THERMAL SHUTDOWN
VIN = 4.5V
HIGH-TO-LOW THRESHOLD
LOW-TO-HIGH THRESHOLD
VIN = 3.2V
VIN = 3.2V
VIN = 1.8V
VIN = 1.8V
VIN = 2.4V
VIN = 1.8V
VIN = 2.4V
VIN = 2.4V
Oscillator Frequency vs
Supply Voltage
Oscillator Frequency vs
Temperature
SHDN Threshold Voltage vs
Supply Voltage
Short-Circuit Current vs Supply
(TA = 25°C, CFLY = CIN = COUT = 2.2µF unless otherwise specified)
SHDN LO-to-HI Threshold vs
Temperature
SHDN HI-to-LO Threshold vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com