Electronic Components Datasheet Search
  English  ▼

X  

LTC3204 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3204
Description  Low Noise Regulated Charge Pump in 2 X 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204 Datasheet(HTML) 5 Page - Linear Technology

  LTC3204 Datasheet HTML 1Page - Linear Technology LTC3204 Datasheet HTML 2Page - Linear Technology LTC3204 Datasheet HTML 3Page - Linear Technology LTC3204 Datasheet HTML 4Page - Linear Technology LTC3204 Datasheet HTML 5Page - Linear Technology LTC3204 Datasheet HTML 6Page - Linear Technology LTC3204 Datasheet HTML 7Page - Linear Technology LTC3204 Datasheet HTML 8Page - Linear Technology LTC3204 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5
5
3204fa
2.7
4.5
3.0
3.3
3.6
3.9
4.2
3204 G18
3204 G21
3204 G23
3204 G22
3204 G24
3204 G16
3204 G17
SUPPLY VOLTAGE (V)
2.7
3.9
3.0
3.3
3.6
4.2
500
450
400
350
300
250
200
150
100
50
0
TEMPERATURE (
°C)
100
0
50
VIN = 2.7V
VOUT = 4.5V
VOUT = 4.8V
LOAD CURRENT (mA)
0
5.20
5.10
5.00
4.90
4.80
4.70
4.60
4.50
300
100
200
400
500
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V
SUPPLY VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
IOUT = 1mA
THEORETICAL MAX
IOUT = 10mA
IOUT = 100mA
–50
8
7
6
5
4
TA = 25°C
TA = 90°C
TA = –45°C
SUPPLY VOLTAGE (V)
2.7
50
54
58
62
3
3.3
3.6
3.9
3204 G19
4.2
66
70
52
56
60
64
68
0
0.8
1.6
2.4
3.2
4.0
0.4
1.2
2.0
2.8
3.6
4.5
LTC3204B-5
LTC3204-5
LOAD CURRENT (mA)
0.01
0.1
1
0.01
0.1
1
10
100
3204 G20
10
1000
LTC3204B-5
(N0N-BURST MODE
OPERATION)
LTC3204-5
(BURST-MODE
OPERATION)
VIN = 3.6V
Load Regulation
Output Load Capability at 4%
Below Regulation
Effective Open-Loop Output
Resistance vs Temperature
VOUT Soft-Start
Output Ripple
Load Transient Response
No-Load Input Current vs
Supply Voltage
Efficiency vs Supply Voltage
Extra Input Current vs Load Current
(IIN-2ILOAD)
(TA = 25°C, CFLY = CIN = COUT = 2.2µF unless otherwise specified)
(LTC3204-5/LTC3204B-5 ONLY)
VOUT
50mV/DIV
(AC COUPLED)
IOUT
100mA
60mA
10µs/DIV
VOUT
2V/DIV
SHDN
5V/DIV
500µs/DIV
VOUT
20mV/DIV
(AC COUPLED)
500ns/DIV
VIN = 3.6V
IOUT = 100mA
VIN = 3.6V
IOUT = 100mA
VIN = 3.6V
IOUT = 60mA TO 100mA STEP
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com