Electronic Components Datasheet Search
  English  ▼

X  

LTC3204 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3204
Description  Low Noise Regulated Charge Pump in 2 X 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204 Datasheet(HTML) 1 Page - Linear Technology

  LTC3204 Datasheet HTML 1Page - Linear Technology LTC3204 Datasheet HTML 2Page - Linear Technology LTC3204 Datasheet HTML 3Page - Linear Technology LTC3204 Datasheet HTML 4Page - Linear Technology LTC3204 Datasheet HTML 5Page - Linear Technology LTC3204 Datasheet HTML 6Page - Linear Technology LTC3204 Datasheet HTML 7Page - Linear Technology LTC3204 Datasheet HTML 8Page - Linear Technology LTC3204 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5
1
3204fa
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
TheLTC®3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5
are low noise, constant frequency (1.2MHz) switched ca-
pacitorvoltagedoublers.TheLTC3204-3.3/LTC3204B-3.3
can produce a regulated output voltage of 3.3V
from a minimum input voltage of 1.8V (2 alkaline cells)
whereastheLTC3204-5/LTC3204B-5canproduce5Vfrom
a minimum of 2.7V (Li-Ion battery) input.
LTC3204-3.3/LTC3204-5 feature automatic Burst Mode®
operation at light loads to maintain low supply current
whereas LTC3204B-3.3/LTC3204B-5 feature constant
frequencyoperationatanyload.Built-insoft-startcircuitry
preventsexcessiveinrushcurrentduringstart-up.Thermal
shutdown and current-limit circuitry allow the parts to
survive a continuous short-circuit from VOUT to GND.
High switching frequency minimizes overall solution
footprint by allowing the use of tiny ceramic capaci-
tors. In shutdown, the load is disconnected from the
input and the quiescent current is reduced to <1µA. The
LTC3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5 are
available in a low profile (0.75mm) 6-lead 2mm × 2mm
DFN package.
Low Noise Regulated
Charge Pump in 2 × 2 DFN
■
Fixed 3.3V or 5V Outputs
■
VIN Range:
1.8V to 4.5V (LTC3204-3.3/LTC3204B-3.3)
2.7V to 5.5V (LTC3204-5/LTC3204B-5)
■
Output Current:
Up to 150mA (LTC3204-5/LTC3204B-5)
Up to 50mA (LTC3204-3.3/LTC3204B-3.3)
■
Automatic Burst Mode® Operation with IQ = 48µA
(LTC3204-3.3/LTC3204-5)
■
Constant Frequency Operation at All Loads
(LTC3204B-3.3/LTC3204B-5)
■
Low Noise Constant Frequency (1.2MHz) Operation*
■
Built-In Soft-Start Reduces Inrush Current
■
Shutdown Disconnects Load from Input
■
Shutdown Current <1µA
■
Short-Circuit/Thermal Protection
■
Available in Low Profile 6-Lead DFN Package
■
2 AA Cell to 3.3V
■
Li-Ion to 5V
■
USB On-The-Go Devices
■
White LED Drivers
■
Handheld Devices
Output Ripple vs Load Current
Burst Mode is a registered trademark of Linear Technology Corporation.
*Protected by U.S. Patents including 6411531.
APPLICATIO S
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OFF ON
VIN
GND
SHDN
VOUT
C–
C+
LTC3204-5/
LTC3204B-5
2.2
µF
2.2
µF
2.2
µF
5V
2.7V TO 5.5V
3204 TA01a
1, 7
2
3
4
5
6
OUTPUT CURRENT (mA)
0
0
5
10
15
20
30
25
50
75
100
3204 TA01b
125
150
25
OUTPUT CAPACITANCE = 2.2
µF
VIN = 3.6V
LTC3204B-5
LTC3204-5


Similar Part No. - LTC3204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
634Kb / 12P
Low Noise Regulated Charge Pump in 2 2 DFN
logo
Analog Devices
LTC3204-3.3 AD-LTC3204-3.3 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3_15 Datasheet
634Kb / 12P
Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-5 LINER-LTC3204-5 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
More results

Similar Description - LTC3204

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
logo
Linear Technology
LTC3221 LINER-LTC3221 Datasheet
490Kb / 12P
Micropower, Regulated Charge Pump in 2 횞 2 DFN
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3_15 Datasheet
634Kb / 12P
Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-5 LINER-LTC3204-5_15 Datasheet
634Kb / 12P
Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204B-3.3 LINER-LTC3204B-3.3_15 Datasheet
634Kb / 12P
Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204B-5 LINER-LTC3204B-5_15 Datasheet
634Kb / 12P
Low Noise Regulated Charge Pump in 2 2 DFN
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com