Electronic Components Datasheet Search
  English  ▼

X  

MSM6352 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM6352
Description  4 BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6352 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM6352 Datasheet HTML 1Page - OKI electronic componets MSM6352 Datasheet HTML 2Page - OKI electronic componets MSM6352 Datasheet HTML 3Page - OKI electronic componets MSM6352 Datasheet HTML 4Page - OKI electronic componets MSM6352 Datasheet HTML 5Page - OKI electronic componets MSM6352 Datasheet HTML 6Page - OKI electronic componets MSM6352 Datasheet HTML 7Page - OKI electronic componets MSM6352 Datasheet HTML 8Page - OKI electronic componets MSM6352 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
MSM6352 l
n
ブロック図
IO4
IO3
IO2
IO1
IOE
EO4
EO3
EO2
EO1
O4
O3
O2
O1
C4
C3
C2
C1
I4
I3
I2
I1
R8
R7
R6
R5
R4
R3
R2
R1
HS
XT
XT
32kHz
TIMING
GENERATOR
PROGRAMMABLE
TIMER
DTMF
CIRCUIT
BD
CIRCUT
DP OUT
DTMF OUT
BD
L
L loop counter
G
C
Z
ALU
MPX
DIN
DOUT
RAM
640×4bit
A9∼A0
AR1
AR2
BP
MPX
DI3∼D0
ROM
2048×14bit
MPX
STACK
CONTROL
PC
VECTOR
ADDRESS
ISNTRUCTION
DECODER
ACTEST VDDVSS
4bit BUS
AR1
AR2
B
P
bank register
page register
address register
A10
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com