Electronic Components Datasheet Search
  English  ▼

X  

MSM6352 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM6352
Description  4 BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6352 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM6352 Datasheet HTML 5Page - OKI electronic componets MSM6352 Datasheet HTML 6Page - OKI electronic componets MSM6352 Datasheet HTML 7Page - OKI electronic componets MSM6352 Datasheet HTML 8Page - OKI electronic componets MSM6352 Datasheet HTML 9Page - OKI electronic componets MSM6352 Datasheet HTML 10Page - OKI electronic componets MSM6352 Datasheet HTML 11Page - OKI electronic componets MSM6352 Datasheet HTML 12Page - OKI electronic componets MSM6352 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
MSM6352 l
測定回路
12
34
5
VDD
VSS
(*1)
VIH
VIL
(*2)
A
VDD
VSS
(*1)
VIH
VIL
(*2)
V
VDD
VSS
(*1)
VIH
VIL
VDD
VSS
A
(*3)
A
VDD
VSS
(*3)
VIH
VIL
(*2)
V
∼
CL=50pF
txxx
txxx
txxx
txxx
出力波形
出力波形
入力波形
VDD
50%
VSS
VOH
50%
VOL
VOH
50%
VOL
tr, tf(10%∼90%)=20ns
*1 指定の状態にする入力ロジック
*2 指定の出力端子について繰り返す。
*3 指定の入力端子について繰り返す。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com