Electronic Components Datasheet Search
  English  ▼

X  

MSM6352 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6352
Description  4 BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6352 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6352 Datasheet HTML 1Page - OKI electronic componets MSM6352 Datasheet HTML 2Page - OKI electronic componets MSM6352 Datasheet HTML 3Page - OKI electronic componets MSM6352 Datasheet HTML 4Page - OKI electronic componets MSM6352 Datasheet HTML 5Page - OKI electronic componets MSM6352 Datasheet HTML 6Page - OKI electronic componets MSM6352 Datasheet HTML 7Page - OKI electronic componets MSM6352 Datasheet HTML 8Page - OKI electronic componets MSM6352 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/23
MSM6352 l
1
2
3
4
5
6
7
8
9
10
11
12
13
14
40
39
38
37
36
35
34
33
32
31
30
29
28
27
EO2
EO3
EO4
R1
R2
R4
R5
R6
R7
R8
R3
HS
I4
I1
EO1
C1
C2
C3
C4
I3
O2
O1
O3
O4
DP OUT
DTMF OUT
IO4
IO3
40ピンプラスチックDIP
15
26
I2
IO2
16
25
XT
IO1
17
24
XT
VDD
18
23
32kHz
BD
19
22
IOE
AC
20
21
TEST
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
R1
R2
R3
R4
R5
R6
R7
HS
I4
I1
I2
XT
XT
TEST
C1
C2
C3
C4
I3
O1
O3
O4
DP OUT
DTMF OUT
VDD
BD
AC
VSS
28ピンプラスチックDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
EO2
EO3
EO4
R1
R2
R4
R5
R6
R7
R8
R3
HS
I4
I1
EO1
C1
C2
C3
C4
I3
O2
O1
O3
O4
DP OUT
DTMF OUT
IO4
IO3
42ピンプラスチックシュリンクDIP
15
28
I2
IO2
16
27
XT
IO1
17
26
NC
NC
18
25
XT
VDD
19
24
32kHz
BD
20
23
IOE
AC
21
22
TEST
VSS
NC:未使用ピン



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com