Electronic Components Datasheet Search
  English  ▼

X  

C770L Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # C770L
Description  INVERTER GRADE THYRISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

C770L Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  C770L Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 6Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 7Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 8Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 9Page - Insel Rectifier India Pvt. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
INTERNATIONAL
2
www.rectifierindia.com
April 2011
P
INVERTER GRADE THYRISTOR
C770L
PARAMETER
MI
N.
TYP.
MAX
.
TEST CONDITIONS (Note 1 )
UNITS
VTM
Maximum peak on-state voltage
-
-
2.0
ITM=4000A
V
VTM
Maximum peak on-state voltage
-
-
2.65
ITM=7850A
V
VTD
Threshold voltage
-
-
1.30
8
V
rT
Slope resistance
-
-
0.17
3
m
(dv/dt)cr
Critical rate of rise of off state voltage
20
0
-
-
VD=80% VDRM, Linear ramp,
Gate o/c
V/us
IDRM
Peak off state current
-
-
-
Rated VDRM
mA
IDRM
Peak off state current
-
-
-
Rated VRRM
mA
VGT
Gate trigger voltage
-
-
3.0
Tj=25OC VD=10V,IT=3A
V
IGT
Gate trigger current
-
-
300
ma
VGD
Gate non-trigger voltage
-
-
0.25
Rated VDRM
V
IH
Holding current
-
-
1000
Tj=25Oc
mA
Tgd
tgt
Gate controlled tum-on delay time
Turn-on time
-0.8
1.5
1.5
3.0
VD=67%
VDRM,ITM=1500A,di/dt=60A/us,
IFG=2A, tr=0.5us, Tj=25OC
us
Qrr
Recovered charge
-
1850
-
uC
Qra
Irm
trr
Recovered charge, 50% Chord
Reverse recovery current
Reverse recovery time
-
-
-
1100
260
7.0
1460
-
-
ITM=4000A,tp=1000us,di/dt=80
A/us,
Vr=50V
uC
A
us
Tq
Turn-off time (note 2 )
45
50
-
-
55
65
ITM=4000A,tp=1000us,di/dt=80
A/us,
Vr=50V, Vdr=33% VDRM,
DVdi/dt=20V/us
ITM=4000A,tp=1000us,di/dt=80
A/us,
Vr=50V, Vdr=33% VDRM,
DVdi/dt=200V/us
us
Rthjk
Thermal resistance,junction to
heatsink
-
-
-
-
0.01
1
0.02
2
Double side cooled
Single side cooled
K/W
K/W
F
Mounting force
27
-
47
kN
Wt
Weight
-
1.7
-
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com