Electronic Components Datasheet Search
  English  ▼

X  

C770L Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # C770L
Description  INVERTER GRADE THYRISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

C770L Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  C770L Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 6Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 7Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 8Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 9Page - Insel Rectifier India Pvt. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INTERNATIONAL
P
FEATURES
Double Side Cooling
High Surge Capability
High Mean Current
TYPICAL APPLICATIONS
High Power Drives
High Voltage Power Supplies
VRSM
(V)
C770LY18
1800
1900
2500
2600
VDRM VRRM
(V)
/
DEVICE TYPE
1
www.rectifierindia.com
April 2011
TECHNICAL DATA
L
(Y)
INVERTER GRADE THYRISTOR
C770LY25
Furnace
C770L
OTHER RATINGS
MAXIMUM LIMITS
UNITS
IT(AV)M
Maximum average on state current, T sink=55
OC,(note 2)
2619
A
IT(AV)M
Maximum average on state current, T sink=85
OC,(note 2)
1792
A
IT(AV)M
Maximum average on state current, T sink=85
OC,(note 3)
1037
A
IT(RMS)
Nominal RMS on-state current, T sink=25
OC,(note 2)
5227
A
IT(d.c)
D.C .on state current, T sink=25
OC,(note 2)
4395
A
ITSM
Peak non-repetitive surge tp =10ms, Vmn=0.6 VRRM, (note 5)
33.8
kA
ITSM2
Peak non-repetitive surge tp =10ms, Vmn<10V, (note 5)
37.2
kA
I
2tI2t capacity for fusing t
p =10ms, Vm=0.6 VRRM, (note5)
5.71x10
6
A
2s
I
2tI2t capacity for fusing t
p =10ms, Vm=10 V, (note5)
6.92x10
6
A
2s
(di/dt)cr
Critical rate of rise of on state current (repetitive), (Note 6)
1000
A/ s
Critical rate of rise of on state current (non-repetitive), (Note 6)
1500
A/ s
VRGM
Peak reverse gate voltage
5
V
PG(AV)
Mean forward gate power
5
w
PGM
Peak forward gate power
30
w
Tj op
Operating temperature range
-40 to +125
Oc
Tj op
Storage temperature range
-40 to +150
Oc


Similar Part No. - C770L

ManufacturerPart #DatasheetDescription
logo
DFI Inc
C770-CS6305-000G DFI-C770-CS6305-000G Datasheet
1Mb / 3P
9th/8th Gen Intel® CoreTM Processor ATX
C770-CS6305-200G DFI-C770-CS6305-200G Datasheet
1Mb / 3P
9th/8th Gen Intel® CoreTM Processor ATX
logo
Hamamatsu Corporation
C7700 HAMAMATSU-C7700 Datasheet
195Kb / 4P
High Dynamic Range Streak Camera
logo
Glamox
C77099026 GLAMOX-C77099026 Datasheet
269Kb / 3P
C77-R160x160 WH 1200DALI 840 SM
C77099295 GLAMOX-C77099295 Datasheet
268Kb / 3P
C77-R160x160 WH 1200DALI 830 SM
More results

Similar Description - C770L

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C458 NJSEMI-C458 Datasheet
155Kb / 2P
INVERTER THYRISTOR C458
logo
Vishay Siliconix
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
Inverter Grade Thyristors
26-Mar-14
VS-ST173C12CFK0L VISHAY-VS-ST173C12CFK0L Datasheet
241Kb / 11P
Inverter Grade Thyristors
16-Dec-13
VS-ST183C VISHAY-VS-ST183C Datasheet
1Mb / 11P
Inverter Grade Thyristors
17-Dec-13
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
Inverter Grade Thyristors
02-Jun-15
VS-ST173S12PFK0 VISHAY-VS-ST173S12PFK0 Datasheet
1Mb / 12P
Inverter Grade Thyristors
11-Mar-14
logo
Insel Rectifier India P...
DCR444ST IRI-DCR444ST Datasheet
676Kb / 7P
INVERTER GRADE THYRISTOR
DCR188ST IRI-DCR188ST Datasheet
680Kb / 7P
INVERTER GRADE THYRISTOR
C712SD IRI-C712SD Datasheet
537Kb / 5P
INVERTER GRADE THYRISTOR
R1275NS21 IRI-R1275NS21 Datasheet
2Mb / 8P
INVERTER GRADE THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com