Electronic Components Datasheet Search
  English  ▼

X  

C770L Datasheet(PDF) 7 Page - Insel Rectifier India Pvt. Ltd.

Part # C770L
Description  INVERTER GRADE THYRISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

C770L Datasheet(HTML) 7 Page - Insel Rectifier India Pvt. Ltd.

Back Button C770L Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 6Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 7Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 8Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 9Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 10Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 11Page - Insel Rectifier India Pvt. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
INTERNATIONAL
www.rectifierindia.com
April 2011
P
INVERTER GRADE THYRISTOR
C770L
Let Ep be the Energy per pulse for a given current and pulse width, in joules
Let Rth(j-Hs) be the steady-state d.c thermal resistance (junction to sink)
And Tsink be the heat sink temperature.
Then the average dissipation will be:
WAV = Ep. F and T SINK(max.) = 125-(WAV. Rth(J-Hs))
14. Reverse recovery ratings
15. (1) Qra is based on 50% Irm chord as shown in Fig.1
16. (2) Qra is based on a 150us integration time i.e.
17. A suitable R-C snubber network is connected across the thyristor to restrict transient reverse
voltage to a peak value (V3) of 67% of the maximum grade.If a different grade is being used or V3
is other then 67% of grade,the reverse loss may be approximated by a pro rata adjustment of the
maximum value obtained from the curves.
NOTE 1-Reverse recovery Loss by Measurement
18. This thyristor has a low reverse recovered charge and peak reverse current. When measuring the
charge , care must be taken to ensure that:
(a) a.c. coupled device ssuch as current transformers are not affected by perior passage of high
amplitude forward current.
(b) A suitable, polarized, clipping circuit must be connected to the input of the measuring
oscilloscope to avoid overloading the internal amplifiers by the relatively high amplitude forward
current signal
(c) Measurement of reverse recovery waveform should be carried out with an appropriate critically
of this snubber is shown below.
16.0 Computer Modelling Parameters
Calculating VT using ABCD Coefficients
The on-state characteristic IT VS VT, on page 7 represented in two ways;
(i) the well established VTO and rT tangent used for rating purposes and
(ii) a set of constants A, B, C, D, forming the coefficients of the representative equation for VT in terms of
IT given below:
VT=A+B.In(IT)+C.IT+D.IT
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com