Electronic Components Datasheet Search
  English  ▼

X  

C770L Datasheet(PDF) 5 Page - Insel Rectifier India Pvt. Ltd.

Part # C770L
Description  INVERTER GRADE THYRISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

C770L Datasheet(HTML) 5 Page - Insel Rectifier India Pvt. Ltd.

  C770L Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 6Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 7Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 8Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 9Page - Insel Rectifier India Pvt. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
INTERNATIONAL
5
www.rectifierindia.com
April 2011
P
INVERTER GRADE THYRISTOR
C770L
7.0 Rate of rise of on-state current
The maximum un-primed rate of rise of on-state current must not exceed 1500A/us at any time during
turn-on on a non-repetitive basis. For repetitive performance, the on-state rate of rise of current must
not exceed 1000A/us any time during turn-on. Note that these values of rate of rise of current apply to
the total device current including that from any local snubber network.
8.0 Gate Drive
The nominal requirement for a typical gate drive is illustrated below. An open circuit voltage of at least
30V is assumed. This gate drive must be applied when using the full di/dt capability of the device.
The magnitude of IGM should be between five and ten times IGT1 which is shown on page 2. Its duration
(tp1) should be 20us or sufficient to allow the anode current to reach the times IL, whichever is greater.
Otherwise, an increase in pulse current could be needed to supply the necessary charge to trigger. The
-
magnitude in the order of 1.5 times IGT.
The curves illustrated in figures 10 to 18 are for guidance only and are superseded by the maximum
ratings shown on page 1.
10.0
Square wave ratings
These ratings are given for load component rate of rise of forward current of 100 and 500 A/us.
11.0 Duty cycle lines
The 100% duty cycle is represented on all the ratings by a straight line. Other duties can be included as
parallel to the frist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com