Electronic Components Datasheet Search
  English  ▼

X  

C770L Datasheet(PDF) 3 Page - Insel Rectifier India Pvt. Ltd.

Part # C770L
Description  INVERTER GRADE THYRISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

C770L Datasheet(HTML) 3 Page - Insel Rectifier India Pvt. Ltd.

  C770L Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 6Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 7Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 8Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 9Page - Insel Rectifier India Pvt. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
INTERNATIONAL
www.rectifierindia.com
April 2011
3
P
INVERTER GRADE THYRISTOR
C770L
4) Double side cooled.
5) Half-sinewave, 125
OC T
j initial.
6) VD=67% VDRM, IFG=2A, tr<0.5s,Tcase=125Oc.
7) Rated VDRM.
Notes:-
1) Unless otherwise indicated Tj=125
OC
2) The required tq (specified with dVdi/dt
number. See ordering information for details of tq codes.
Notes:-
1) De-rating factor of 0.13% per
OC is applicable for Tj below 25OC.
2) Double Side cooled, single phase; 50HZ, 180
O half-sinewave.
3) Single side cooled, single phase; 50HZ, 180
O half-sinewave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com