Electronic Components Datasheet Search
  English  ▼

X  

TS34118CS28 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS34118CS28 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
5
Version: E1608
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS34118CS28 RDG
SOP-28
1,500pcs / 13”Reel
PIN DESCRIPTION
PIN NO.
NAME
FUNCTION
1
FO
Filter output. Output impedance is less than 50Ω
2
FI
Filter input. Input impedance is greater than 1MΩ.
3
CD
Chip Disable. A logic low (<0.8V) sets normal operation. A logic high (>2.0V)
disables the IC to conserve power. Input impedance is nominally 90kΩ.
4
VCC
A supply voltage of +2.8V to +6.5V is required, at ≈ 5.0mA. As VCC falls from 3.5V to
2.8V, an AGC circuit reduces the receive attenuator gain by ≈25dB (when in the
receive mode).
5
HTO+
Output of the second hybrid amplifier. The gain is internally set at –1.0 to provide a
differential output, in conjunction with HTO-, to the hybrid transformer.
6
HTO-
Output of the first hybrid amplifier. The gain of the amp is set by external resistors.
7
HTI
Input and summing node for the first hybrid amplifier. DC level is ≈ VB.
8
TXO
Output of the transmit attenuator. DC level is approximately VB.
9
TXI
Input to the transmit attenuator. Max. Signal level is 350mVrms. Input impedance is
10kΩ.
10
MCO
Output of the microphone amplifier. The gain of the amplifier is set by external
resistors.
11
MCI
Input and summing node of the microphone amplifier. DC level is≈ VB.
12
MUT
Mute input. A logic low (<0.8V) sets normal operation. A logic high (>2.0V) mutes
the microphone amplifier without affecting the rest of the circuit. Input impedance is
nominally 90kΩ.
13
VCI
Volume control input. When VCI=VB, the receive attenuator is at maximum gain
when in the receive mode. When VCI=0.3VB, the receive gain is down 35dB. Does
not affect the transmit mode.
14
CT
An RC at this pin sets the response time for the circuit to switch modes.
15
VB
An output voltage ≈ VCC/2. This voltage is a system ac ground, and biases the
volume control. A filter cap is required
16
CPT
An RC at this pin sets the time constant for the transmit background monitor.
17
TLI2
Transmit level detector on the mike/speaker side.
18
TLO2
Transmit level detector on the mike/speaker side, and input to the transmit
background monitor.
19
RLO2
Receive level detector on the mike/speaker side.
20
RLI2
Receive level detector on the mike/speaker side.
21
RXI
Input to the receive attenuator and dial tone detector. Max input level is 350mVrms.
Input impedance is ≈10kΩ.
22
RXO
Receive attenuator. DC level is approximately VB.
23
TLI1
Transmit level detector on the line side.
24
TLO1
Transmit level detector on the line side.
25
RLO1
Receive level detector on the line side, and input to the receive background monitor.
26
RLI1
Receive level detector on the line side.
27
CPR
An RC at this pin sets the time constant for the receive background monitor.
28
GND
Ground pin for the entire IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com