Electronic Components Datasheet Search
  English  ▼

X  

TS34118CS28 Datasheet(PDF) 12 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 12 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS28 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 15Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 16Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
12
Version: E1608
APPLICATION INFORMATION (CONTINUE)
Hybrid Amplifiers
The two hybrid amplifiers (at HTO+, HTO-, and HTI), in conjunction with an external transformer, provide the two-to
four wire converter for interfacing to the telephone line. The gain of the first amplifier (HTI to HTO-) is set by
external resistors (gain=-RHF/PHI in Figure 2), and its output drives the second amplifier, the gain of which is
internally set at –1.0. Unlike most op-amps, the amplifiers have all-NPN output stage, which maximizes phase
margin and gain-bandwidth. This feature ensures stability at gains less than unity, as well as with a wide range of
reactive loads. The open loop gain of the first amplifier is typically 80dB , and the gain bandwidth of each amplifier
is ≈1.0MHz (see Figure 16). The maximum p-p output swing of each amplifier is typically 1.2V less than VCC with an
output impedance of <10Ωuntil current limiting is reached (typically 8.0mA). The output current capability is
guaranteed to be a minimum of 5mA. The bias current at HTI is typically 30nA out of the pin.
The connections to the coupling transformer are shown in the Block Diagram (Figure 2). Balancing network
necessary to match the line impedance.
Filter
The operation of the filter circuit is determined by the external components. The circuit within the TS34118, from
pins FI to FO is a buffer with a high input impedance (>1.0MΩ), and a low output impedance (<50Ω). The
configuration of the external components determines whether the circuit is a high-pass filter (as shown in Figure 2),
a low-pass filter, or a band-pass filter.
As a high pass filter, with the components shown in Figure 8, the filter will keep out 60Hz (and 120Hz) hum which
can be picked up by the external telephone lines.
Figure 8. High Pass Filter
As a low pass filter (Figure 9), it can be used to roll off the high end frequencies in the receive circuit, which aids in
protecting against acoustic feedback problems. With an appropriate choice of an input coupling capacitor to the low
pass filter is formed
Figure 9. Low Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com