Electronic Components Datasheet Search
  English  ▼

X  

TS34118CS28 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS34118CS28 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
1
Version: E1608
Voice Switched Speakerphone Circuit
DESCRIPTION
The TS34118 Voice Switched Speakerphone Circuit
incorporates the necessary amplifiers, attenuators,
level detectors, and control algorithm to form the heart
of a high quality hands-free speakerphone system.
Included are a microphone amplifier with adjustable
gain and MUTE control, Transmit and Receive
attenuators
which
operate
in
a
complementary
manner, level detectors at both input and output of
both attenuators, and background noise monitors for
both the transmit and receive channels. A Dial Tone
Detector prevents the dial being attenuated by the
Receive
background
noise
monitor
circuit.
Also
included are two line drive amplifiers which can be
used to form a hybrid network in conjunction with an
external coupling transformer. A high-pass filter can be
used to filter out 60Hz noise in the receive channel, or
for other filtering functions .A Chip Disable pin permits
powering down the entire circuit to conserve power on
long loops where loop current is at a minimum.
The TS34118 may be operated from a power supply,
or it can be powered from the telephone line, requiring
typically 5.0mA. The TS34118 can be interfaced
directly
to
Tip
and
Ring
(through
a
coupling
transformer) for stand-alone operation, or it can be
used in conjunction with a handset speech network
and/or other features of a feature phone
FEATURES
● Improved attenuator gain range: 52dB between
transmit and receive.
● Low voltage operation for line-power application
(3V~6.5V).
● 4-point signal sensing for improved sensitivity
● Back ground noise monitors for both transmit and
receive paths.
● Compatible with TS34119 speaker amplifier.
● Microphone amplifier gain set by external resistors-
mute function included.
● Chip disable for active/standby operation.
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC.
● Halogen-free according to IEC 61249-2-21
APPLICATION
● Hands-free operation system
● VOIP phone
SOP-28
Pin Definition:
1. FO
8. TXO
15. VB
22. Gnd
2. FI
9. TXI
16. CPT
23. TLI1
3. CD
10. MCO
17. TLI2
24. TLO1
4. Vcc
11. MCI
18. TLO2
25. RLO1
5. HTO+
12. MUT
19. RLO2
26. RLI1
6. HTO-
13. VCI
20. RLI2
27. CPR
7. HTI
14. CT
21. RXI
28. GND
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Supply voltage
(pin 4)
VS
-1.0, +7.0
V
Voltage at CD
(pin 3), MUT (pin 12)
VCD, VMUT
-1.0,Vcc +1.0
V
Voltage at VCI
(pin 13)
VCI
-1.0,Vcc +0.5
V
Voltage at TXI
(pin 9),RXI (pin 21),FI (pin 2)
VTXI, VRXI, VFI
-0.5,Vcc +0.5
V
Storage temperature range
TSTG
-65 to +150
°C


Similar Part No. - TS34118CS28

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
989Kb / 23P
Voice Switched Speakerphone Circuit
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
378Kb / 21P
Voice Switched Speakerphone Circuit Chip disable for active/standby operation
TS34118CS28RD TSC-TS34118CS28RD Datasheet
378Kb / 21P
Voice Switched Speakerphone Circuit Chip disable for active/standby operation
More results

Similar Description - TS34118CS28

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118 Datasheet
328Kb / 20P
Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
Voice Switched Speakerphone Circuit
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
Voice Switched Speakerphone Circuit
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
VOICE SWITCHED SPEAKERPHONE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com