Electronic Components Datasheet Search
  English  ▼

X  

TS34118CS28 Datasheet(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS28 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 15Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
11
Version: E1608
APPLICATION INFORMATION (CONTINUE)
Attenuator Control Block
4) The circuit will switch to the slow idle mode when a) both talkers are quiet (no speech present), or b) when one
talker’s speech level is continuously overridden by noise at the other speaker’s location.
The time required to switch the circuit between transmit, receive, fast idle and slow idle is determined in part by
the components at the CT pin (pin 14). (see the section on Switch Time for a more complete explanation of the
switching time components). A schematic of the CT circuitry is shown in Figure 6, and operates as follows:
- RT is typically 120kΩ, and CT is typically 5.0μF.
- To switch to the receive mode, I1 is turned on (I2 is off), charging the external capacitor to +240mV above VB.
(An internal clamp prevents further charging of the capacitor.)
- To switch to the transmit mode, I2 is turned on (I1 is off) bringing down the voltage on the capacitor to –240mV
with respect to VB.
- To switch to idle quickly (fast idle), the current sources are turned off, and the internal 2.0kΩ resistor is
switched in, discharging the capacitor to VB with a time constant = 2.0K×CT.
- To switch to idle slowly (slowly idle), the current sources are turned off, the switch at the internal 2.0KΩ resistor
is open, and the capacitor discharges to VB through the external resistor RT with a time constant = RT × CT.
Figure 6. CT Attenuator Control block Circuit
Microphone Amplifier
The microphone amplifier (pins 10,11) has the non-inverting input internally connected to VB, while the inverting
input and the output are pinned out. Unlike most op-amps, the amplifier has an all-NPN output stage, which
maximizes phase margin and gain-bandwidth. This feature ensures stability at gains less than unity, as well as with
a wide range of reactive loads. The open loop gain is typically 80dB (f<100Hz), and the gain-bandwidth is typically
1.0MHz (see Figure 16). The maximum p-p output swing is typically 1V less than VCC with an output impedance of
<10Ω until current limited is reached (typically 1.5mA).Input bias current at MCI is typically 40nA out of the pin.
The muting function (Pin 12), when activated, will reduce the gain of the amplifier to ≈-39dB (with RMI=5.0kΩ) by
shorting output to the inverting input (see Figure 7). The mute input has a threshold of ≈1.5V, and the voltage at
this pin must be kept within the range of ground and VCC (see Figure 17). If the mute function is not used, the pin
should be grounded.
Figure 7. Microphone Amplifier and Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com