Electronic Components Datasheet Search
  English  ▼

X  

TS34118CS28 Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS28 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
9
Version: E1608
APPLICATION INFORMATION (CONTINUE)
Background Noise Monitors
The purpose of the background noise monitors is to distinguish speech (which consists of bursts) from background
noise (a relatively constant signal level). There are two background noise monitors-one for the receive path and
one for the transmit path. Referring to Figure 4, the receive background noise monitor is operated on by the RLI1-
PLO1 level detector, while the transmit background noise monitor is operated on by the TLI2-TLO2 level detector.
They monitor the background noise by storing a dc voltage representative of the respective noise levels in
capacitors at CPR and CPT. The voltages at these pins have slow rise times (determined by the external RC), but
fast decay times. If the signal at RLI1 (or TLI2) changes slowly, the voltage at CPR (or CPT) will remain more
positive than the voltage at the non-inverting input of the monitor’s output comparator. When speech is present, the
voltage on the non-inverting input of the comparator will rise quicker than the voltage at the inverting input (due to
the burst characteristic of speech), causing its output to change. This output is sensed by the Attenuator Control
Block. The 36mV offset at the comparator’s input keeps the comparator from changing state unless the speech
level exceeds the background noise by≈4.0dB. The time constant of the external RC (≈4.7 seconds) determines the
response time to background noise variations.
Dial Tone Detectors
The dial tone detector is a comparator with one side connected to the receive input (RXI) and the other input
connected to VB with a 15mV offset (see Figure 5). If the circuit is in the receive mode, and the incoming signal is
greater than 15mV (10mVrms), the comparator’s output will change, disabling the receive idle mode. The receive
attenuator will then be at a setting determined solely by the volume control.
The purpose of this circuit is to prevent the dial tone (which would be considered as continuous noise) from fading
away as the circuit would have the tendency to switch to the idle mode. By disabling the receive idle mode, the dial
tone remains at the normally expected full level.
Figure 5. Dial Tone Detector
Attenuator Control Block
The Attenuator Control Block has the seven inputs described above:
-The output of the comparator operated by RLO2 and TLO2 (microphone/speaker side) - designated C1.
-The output of the comparator operated by RLO1 and TLO1 (TIP/Ring side) – designated C2.
-The output of the transmit background noise monitor – designated C3.
-The output of the receive background noise monitor
-designated C4.
-The volume control.
-The dial tone detector.
-The AGC circuit.
The single output of the Control Block controls the two attenuators. The effect of C1-C4 is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com