Electronic Components Datasheet Search
  English  ▼

X  

HPL5331 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HPL5331 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 9Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 10Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 11Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 12Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 13Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 14Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 15Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Rev. A.8 - Oct., 2003
HPL5331
12
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
A capacitor of 1
µF (ceramic chip capacitor) or greater
(aluminum electrolytic capacitor) is recommended to
connect near VCNTL pin. For VIN pin, an aluminum
electrolytic capacitor (>50
µF) is recommended. It is
not necessary to use low-ESR capacitors.
Layout and Thermal Consideration
The input capacitors for VIN and VCNTL pins are
normally placed near each pin for good
performances. Ceramic decoupling capacitors at
output must be placed as close to the load to reduce
the parasitic inductors of traces. It is also recom-
mended that the HPL5331 and output capacitors are
placed near the load for good load regulation and
load transient response. The negative pins of the in-
put and output capacitors and the GND pin of the
HPL5331 should connect to analog ground plane of
the load.
See figure 1. The SOP-8-P utilizes a bottom thermal
pad to minimize the thermal resistance of the package,
making the package suitable for high current
applications. The thermal pad is soldered to the top
ground pad and is connected to the internal or bot-
tom ground plane by several vias. The printed circuit
board (PCB) forms a heat sink and dissipates most
of the heat into ambient air. The vias are recom-
mended to have proper size to retain solder, helping
heat conduction.
Thermal resistance consists of two main elements,
θJC (junction-to-case thermal resistance) and θCA (case-
to-ambient thermal resistance).
θJC is specified from
the IC junction to the bottom of the thermal pad di-
rectly below the die.
θCA is the resistance from the
bottom of thermal pad to the ambient air and it in-
cludes
θCS (case-to-sink thermal resistance) and θSA
(sink-to-ambient thermal resistance). The specified
path for heat flow is the lowest resistance path and it
dissipates majority of the heat to the ambient air.
Typically,
θCA is the dominant thermal resistance.
Therefore, enlarging the internal or bottom ground
plane reduces the resistance
θCA . The relationship
between power dissipation and temperatures is the
following equation :
PD = (TJ - TA) /
≤ θJA
where,
PD : Power dissipation
TJ : Junction Temperature
TA : Ambient Temperature
θJA : Junction-to-Ambient Thermal Resis-
tance
T herm a l
pad
Di e
To p
ground
pad
Prin te d
circuit
board
In te rna l
grou nd
plane
Via s
Am bient
Air
118 m i l
102 m i l
SOP-8-P
Figure 2 shows a board layout using the SOP-8-P
package. The demo board is made of FR-4 material
and is a two-layer PCB. The size and thickness are
65mm* 65mm and 1.6mm. An area of 140mil*105mil
on the top layer is use as a thermal pad for the HPL5331
and this is connected to the bottom layer by vias. The
bottom layer using 2 oz. copper acts as the ground
plane for the system. The PCB and all components on
the board form a heat sink. The
θJA of the HPL5331
(SOP-8-P) mounted on this demo board is about 37oC/
W in free air. Assuming the TA=25oC and the maxi-
mum TJ=150oC (typical thermal limit temperature), the
maximum power dissipation is calculated as :
Figure 1 Package Top and side view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com