Electronic Components Datasheet Search
  English  ▼

X  

HPL5331 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button HPL5331 Datasheet HTML 12Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 13Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 14Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 15Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 16Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 17Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 18Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 19Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rev. A.8 - Oct., 2003
HPL5331
16
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Packaging Information
TO-252-5
M illim e te rs
In c h e s
Dim
M in .
M ax.
M in .
M ax.
A
6.40
6.80
0 .25
0.26
B
5.20
5.50
0 .20
0.21
C
6.80
7.20
0 .26
0.27
D
2.20
2.80
0 .08
0.11
D 1
5.2R E F
0.205R E F
E 1
5.3R E F
0.209R E F
P
1.27R E F
0.05R E F
S
0.50
0.80
0 .02
0.03
H
2.20
2.40
0 .08
0.09
J
0.45
0.55
0 .01
0.02
K
0.45
0.60
0.0 18
0.024
L
0.90
1.50
0 .03
0.06
M
5.40
5.80
0 .21
0.22
A
B
J
H
P
S
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com