Electronic Components Datasheet Search
  English  ▼

X  

HPL5331 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button HPL5331 Datasheet HTML 10Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 11Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 12Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 13Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 14Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 15Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 16Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 17Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Rev. A.8 - Oct., 2003
HPL5331
14
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Packaging Information
Mi ll im et er s
I n c h e s
Dim
Min .
Ma x .
Min .
Ma x.
A
1 .35
1 .75
0 .05 3
0 . 069
A 1
0. 1 0
0. 2 5
0. 0 0 4
0 . 0 10
D
4 .80
5 .00
0 .18 9
0 . 197
E
3 .80
4 .00
0 .15 0
0 . 157
H
5 .80
6 .20
0 .22 8
0 . 244
L
0 .40
1 .27
0 .01 6
0 . 050
e1
0. 3 3
0. 5 1
0. 0 1 3
0 . 0 20
e2
1. 2 7B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com