Electronic Components Datasheet Search
  English  ▼

X  

HPL5331 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button HPL5331 Datasheet HTML 12Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 13Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 14Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 15Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 16Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 17Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 18Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 19Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Rev. A.8 - Oct., 2003
HPL5331
20
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOP- 8 / SOP-8-P
12
9.3
2500
TO- 252
16
13.3
2500
TO- 263
24
21.3
1000
Application
A
B
C
J
T1
T2
W
P
E
330
± 1
62 +1.5
12.75+
0.15
2
± 0.5
12.4
± 0.2
2
± 0.2
12
± 0. 3
8
± 0.1
1.75
±0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOP- 8
SOP-8-P
5.5
± 1
1.55 +0.1 1.55+ 0.25
4.0
± 0.1
2.0
± 0.1
6.4
± 0.1
5.2
± 0. 1
2.1
± 0.1 0.3±0.013
Application
A
B
C
J
T1
T2
W
P
E
330 ±3
100 ± 2
13 ± 0. 5
2 ± 0.5
16.4 + 0.3
-0.2
2.5± 0.5
16+ 0.3
- 0.1
8 ± 0.1
1.75± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-252
7.5 ± 0.1
1.5 +0.1
1.5± 0.25
4.0 ± 0.1
2.0 ± 0.1
6.8 ± 0.1
10.4± 0.1
2.5± 0.1
0.3±0.05
Application
A
B
C
J
T1
T2
W
P
E
380±380 ± 2
13 ± 0. 5
2 ± 0.5
24 ± 42± 0.3
24 + 0.3
- 0.1
16 ± 0.1
1.75± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-263
11.5 ± 0.1
1.5 +0.1
1.5± 0.25
4.0 ± 0.1
2.0 ± 0.1
10.8 ± 0.1
16.1± 0.1
5.2± 0.1
0.35±0.013
Cover Tape Dimensions
(mm)
Carrier Tape
CONTACT
HIPAC Semiconductor, Inc.
2540 North First Street, Suite 308
San Jose, CA 95131-1016
U.S.A.
Tel: 1-408-943-0808
Fax: 1-408-943-0878
E-Mail: info@hipacsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com