Electronic Components Datasheet Search
  English  ▼

X  

HPL5331 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button HPL5331 Datasheet HTML 12Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 13Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 14Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 15Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 16Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 17Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 18Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 19Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Rev. A.8 - Oct., 2003
HPL5331
17
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Packaging Information
TO-263-5
M i llim et e r s
I nc he s
Dim
M i n .
Ma x .
Mi n .
Ma x .
A
4.06
4 . 83
0. 1 6 0
0 . 1 90
b
0.50
0 . 99
0. 0 2 0
0 . 0 39
b1
1.52
1 . 83
0. 0 6 0
0 . 0 72
c
0 . 45 7
0 .736
0. 0 1 8
0 . 0 29
c1
1.14
1 . 40
0. 0 4 5
0 . 0 55
D
8.25
9 . 66
0. 3 2 5
0 . 3 80
E
9.65
1 0 .29
0. 3 8 0
0 . 4 05
L
1 4 .6 0
1 5.88
0. 5 7 5
0 . 6 25
L1
2.28
2 . 80
0 . 09 0
0 .110
L2
1. 4 0
0. 0 5 5
D
A
c
A1
c1
e
e1
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com