Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5444IPFPR
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5444IPFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5444IPFPR Datasheet HTML 6Page - Texas Instruments ADS5444IPFPR Datasheet HTML 7Page - Texas Instruments ADS5444IPFPR Datasheet HTML 8Page - Texas Instruments ADS5444IPFPR Datasheet HTML 9Page - Texas Instruments ADS5444IPFPR Datasheet HTML 10Page - Texas Instruments ADS5444IPFPR Datasheet HTML 11Page - Texas Instruments ADS5444IPFPR Datasheet HTML 12Page - Texas Instruments ADS5444IPFPR Datasheet HTML 13Page - Texas Instruments ADS5444IPFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
G001
SFDR = 86.8 dBc
SNR = 68.7 dBc
THD = 82.3 dBc
SINAD = 68.5 dBc
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
SFDR = 76.1 dBc
SNR = 69 dBc
THD = 72.6 dBc
SINAD = 67.4 dBc
G002
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
G004
SFDR = 77 dBc
SNR = 67.3 dBc
THD = 75.6 dBc
SINAD = 66.7 dBc
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
G003
SFDR = 74.6 dBc
SNR = 68.4 dBc
THD = 72.5 dBc
SINAD = 67 dBc
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
Spectral Performance
Spectral Performance
(FFT For 10 MHz Input Signal)
(FFT For 100 MHz Input Signal)
Figure 2.
Figure 3.
Spectral Performance
Spectral Performance
(FFT For 170 MHz Input Signal)
(FFT For 230 MHz Input Signal)
Figure 4.
Figure 5.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com