Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5444IPFPR
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5444IPFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5444IPFPR Datasheet HTML 10Page - Texas Instruments ADS5444IPFPR Datasheet HTML 11Page - Texas Instruments ADS5444IPFPR Datasheet HTML 12Page - Texas Instruments ADS5444IPFPR Datasheet HTML 13Page - Texas Instruments ADS5444IPFPR Datasheet HTML 14Page - Texas Instruments ADS5444IPFPR Datasheet HTML 15Page - Texas Instruments ADS5444IPFPR Datasheet HTML 16Page - Texas Instruments ADS5444IPFPR Datasheet HTML 17Page - Texas Instruments ADS5444IPFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
Code
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
0
1000 2000 3000 4000 5000 6000 7000 8000
fS = 250 MSPS
fIN = 10 MHz
G019
Code Number
0
5
10
15
20
25
30
35
40
45
50
4109 4110 4111 4112 4113 4114 4115 4116
G020
fS = 250 MSPS
Input Amplitude − dBFS
−40
−20
0
20
40
60
80
100
120
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
fS = 250 MSPS
fIN = 100 MHz
G021
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
Input Amplitude − dBFS
−40
−20
0
20
40
60
80
100
120
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
fS = 250 MSPS
fIN = 230 MHz
G022
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
Integral Nonlinearity
Noise Histogram With Inputs Shorted
Figure 18.
Figure 19.
AC Performance
AC Performance
vs
vs
Input Amplitude
Input Amplitude
Figure 20.
Figure 21.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com