Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5444IPFPR
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5444IPFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5444IPFPR Datasheet HTML 12Page - Texas Instruments ADS5444IPFPR Datasheet HTML 13Page - Texas Instruments ADS5444IPFPR Datasheet HTML 14Page - Texas Instruments ADS5444IPFPR Datasheet HTML 15Page - Texas Instruments ADS5444IPFPR Datasheet HTML 16Page - Texas Instruments ADS5444IPFPR Datasheet HTML 17Page - Texas Instruments ADS5444IPFPR Datasheet HTML 18Page - Texas Instruments ADS5444IPFPR Datasheet HTML 19Page - Texas Instruments ADS5444IPFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.ti.com
Clock Common-Mode Voltage − V
50
55
60
65
70
75
80
0
1
2
3
4
5
G027
SFDR
SNR
fS = 250 MSPS
AVDD − Supply Voltage − V
68
69
70
71
72
73
74
4.65
4.75
4.85
4.95
5.05
5.15
5.25
5.35
G028
fS = 250 MSPS
fIN = 100 MHz
TA = −40°C
TA = 0°C
TA = 25°C
TA = 65°C
TA = 85°C
DRVDD − Supply Voltage − V
69.0
69.5
70.0
70.5
71.0
71.5
72.0
72.5
2.9
3.1
3.3
3.5
3.7
G030
fS = 250 MSPS
fIN = 100 MHz
TA = −40°C
TA = 0°C
TA = 25°C
TA = 65°C
TA = 85°C
AVDD − Supply Voltage − V
67.0
67.5
68.0
68.5
69.0
69.5
70.0
4.65
4.75
4.85
4.95
5.05
5.15
5.25
5.35
G029
fS = 250 MSPS
fIN = 100 MHz
TA = 0°C
TA = 65°C
TA = −40°C
TA = 85°C
TA = 25°C
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
Performance
Spurious Free Dynamic Range
vs
vs
Clock Common Mode Level
AVDD Across Temperature
Figure 26.
Figure 27.
Signal-to-Noise Ratio
Spurious Free Dynamic Range
vs
vs
AVDD Across Temperature
DRVDD Across Temperature
Figure 28.
Figure 29.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com