Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5444IPFPR
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5444IPFPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5444IPFPR Datasheet HTML 13Page - Texas Instruments ADS5444IPFPR Datasheet HTML 14Page - Texas Instruments ADS5444IPFPR Datasheet HTML 15Page - Texas Instruments ADS5444IPFPR Datasheet HTML 16Page - Texas Instruments ADS5444IPFPR Datasheet HTML 17Page - Texas Instruments ADS5444IPFPR Datasheet HTML 18Page - Texas Instruments ADS5444IPFPR Datasheet HTML 19Page - Texas Instruments ADS5444IPFPR Datasheet HTML 20Page - Texas Instruments ADS5444IPFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ti.com
DRVDD − Supply Voltage − V
68.4
68.5
68.6
68.7
68.8
68.9
69.0
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G031
fS = 250 MSPS
fIN = 100 MHz
TA = 0°C
TA = 65°C
TA = 85°C
TA = −40°C
TA = 25°C
50
100
150
69
68.5
67.5
69.5
68
67
66.5
66
65.5
200
f
- Input Frequency - MHz
IN
SNR - dBc
250
300
350
400
50
100
150
200
250
300
64
63
65
66
67
68
69
M0048-05
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
Signal-to-Noise Ratio
vs
DRVDD Across Temperature
Figure 30.
SNR
vs
Input Frequency and Sampling Frequency
Figure 31.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com