Electronic Components Datasheet Search
  English  ▼

X  

AL1692 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL1692
Description  DIMMABLE LED CONTROLLER/DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1692 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL1692 Datasheet HTML 1Page - Diodes Incorporated AL1692 Datasheet HTML 2Page - Diodes Incorporated AL1692 Datasheet HTML 3Page - Diodes Incorporated AL1692 Datasheet HTML 4Page - Diodes Incorporated AL1692 Datasheet HTML 5Page - Diodes Incorporated AL1692 Datasheet HTML 6Page - Diodes Incorporated AL1692 Datasheet HTML 7Page - Diodes Incorporated AL1692 Datasheet HTML 8Page - Diodes Incorporated AL1692 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AL1692
Document number: DS39008 Rev. 2 - 2
5 of 15
www.diodes.com
September 2017
© Diodes Incorporated
AL1692
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
18
V
VSW
Voltage on SW Pin (AL1692) (Note 5)
20
V
VD
Voltage on Drain Pin (AL1692-30BA)
400
V
Voltage on Drain Pin (AL1692-20C)
600
V
IDS
Continuous Drain Current TC = +25°C (AL1692-30BA)
3
A
Continuous Drain Current TC = +25°C (AL1692-20C)
2
A
VCS
Voltage on CS Pin
-0.3 to 7
V
VRT
Voltage on RT Pin
-0.3 to 7
V
VFB
Voltage on FB Pin
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
+260
°C
PD
SO-8 Power Dissipation (TA = +50°C) (Note 6)
0.96
W
SO-7 Power Dissipation (TA = +50°C) (Note 6)
0.8
W
JA
SO-8 Thermal Resistance (Junction to Ambient) (Note 6)
104
°C/W
SO-7 Thermal Resistance (Junction to Ambient) (Note 6)
123
°C/W
JC
SO-8 Thermal Resistance (Junction to Case) (Note 6)
6.6
°C/W
SO-7 Thermal Resistance (Junction to Case) (Note 6)
19
°C/W
–
ESD (Human Body Model)
2,000
V
ESD (Machine Model)
200
V
Notes:
4. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device
at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability. All voltages unless otherwise stated and measured with
respect to GND.
5. SW pin can withstand pulse voltage up to 25V with duration of 300ns.
6. Device mounted on 1"x1" FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature (Note 7)
-40
+105
°C
Note:
7. The device may operate normally at +125
°C ambient temperature under the condition not trigger temperature protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com