Electronic Components Datasheet Search
  English  ▼

X  

AL1692 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL1692
Description  DIMMABLE LED CONTROLLER/DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1692 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL1692 Datasheet HTML 5Page - Diodes Incorporated AL1692 Datasheet HTML 6Page - Diodes Incorporated AL1692 Datasheet HTML 7Page - Diodes Incorporated AL1692 Datasheet HTML 8Page - Diodes Incorporated AL1692 Datasheet HTML 9Page - Diodes Incorporated AL1692 Datasheet HTML 10Page - Diodes Incorporated AL1692 Datasheet HTML 11Page - Diodes Incorporated AL1692 Datasheet HTML 12Page - Diodes Incorporated AL1692 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AL1692
Document number: DS39008 Rev. 2 - 2
9 of 15
www.diodes.com
September 2017
© Diodes Incorporated
AL1692
Functional Description and Application Information (Cont.)
Thermal Foldback Protection (TFP)
AL1692 has a thermal foldback protection (TFP) function and adopts self-adaptive control method, which can prevent the system breaking down
caused by high temperature. The overheating temperature is set at +145°C typical, when the junction temperature of the IC is higher than +145°C
typical, the device will linearly decrease the internal reference voltage to decrease the output current. As a result of this feature, the device can
control the system
’s output power at high ambient temperature, to control the quantity of heat of the system. This enhances the safety of the
system at high temperature.
Thermal foldback waveform is shown below:
100%
50%
Junction Temperature/
°C
TFOLD=145
Output Current
OTP
Figure 1. Thermal Foldback Waveform
Over-Temperature Protection (OTP)
The AL1692 has over temperature protection (OTP) function. When the junction temperature reach to +160°C typical, the IC will trigger an over-
temperature protection, which causes the device to shut down and latched condition. Once OTP triggered, the system need to be resumed after
the system
’s AC source supply has been reset and power up.
Design Parameters
Setting the Current Sense Resistor R5
The AL1692 adopts boundary conduction mode, the output current is calculated as below,
_
0
11
2
OFF
O MEAN
PEAK
ON
OFF
DELAY
t
I
I
dt
t
t
t
 

…………………… (2)
Where,
IPEAK is the peak current of the inductance
tON is the internal MOSFET on time
tOFF is the freewheel diode D1 conduction time
tDELAY is typical 0.4µs
The AL1692 is a closed loop constant current control with the relationship between output current and current sense voltage follows this equation
0
1
R5
OFF
REF
PEAK
ON
OFF
DELAY
t
V
I
dt
t
t
t
 

…………………… (3)
Where,
VREF is the internal reference, typical 0.4V.
R5 is the current sense resistor
So we can get the output current equation as below,
_
1
=
25
REF
O MEAN
V
I
R
…………………… (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com