Electronic Components Datasheet Search
  English  ▼

X  

AL1692 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL1692
Description  DIMMABLE LED CONTROLLER/DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1692 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL1692 Datasheet HTML 1Page - Diodes Incorporated AL1692 Datasheet HTML 2Page - Diodes Incorporated AL1692 Datasheet HTML 3Page - Diodes Incorporated AL1692 Datasheet HTML 4Page - Diodes Incorporated AL1692 Datasheet HTML 5Page - Diodes Incorporated AL1692 Datasheet HTML 6Page - Diodes Incorporated AL1692 Datasheet HTML 7Page - Diodes Incorporated AL1692 Datasheet HTML 8Page - Diodes Incorporated AL1692 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AL1692
Document number: DS39008 Rev. 2 - 2
1 of 15
www.diodes.com
September 2017
© Diodes Incorporated
AL1692
DIMMABLE LED CONTROLLER/DRIVERS
Description
The AL1692 is a high performance, high power factor, high efficiency,
and high current precision buck-boost and flyback dimmable LED
controller/drivers for triac dimmable LED lamp applications. The
AL1692 topology provides an accurate output current over wide line
and load regulation. The wide switching frequency operates at
boundary conduction mode (BCM) to ease EMI/EMC design and
testing, to meet the latest regulatory standards.
The AL1692 controller with external MOSFET can support higher
output power application, up to 25W. The AL1692 LED drivers have
AL1692-30BA
with
400V/3A
and
AL1692-20C
with
600V/2A
MOSFET. The AL1692 platform solutions can cover both 120Vac and
230Vac applications. The AL1692 has the built-in thermal fold-back
protection trigger point to automatically reduce output current. Other
protection features enhance LED lighting system's safety and
reliability.
The AL1692 dimming curve is compliant with the NEMA SSL6
standard. The AL1692 applies to a wide range of dimmers, including
leading edge and trailing edge dimmer, to achieve deep dimming
down to 1%.
The AL1692 controller is available in SO-8 package. The Integrated
MOSFET version AL1692-30BA and AL1692-20C are available in
SO-7 package.
Features
Tight Current Sense Tolerance : ± 3%
Low Startup Current: 100µA Typical
Low Operation Current: 210µA (Switching Frequency at 4kHz)
Single Winding Inductor
Wide Range of Dimmer Compatibility
For Controller Power can Drive up to 25W
For MOSFET Options : 400V/3A and 600V/2A
NEMA SSL6 Dimming Curve Compliant
Internal Protections
Under Voltage Lockout (UVLO)
Leading-Edge Blanking (LEB)
Cycle-by-cycle Over Current Protection (OCP)
Output Open/Short Protection (OVP/OSP)
Thermal Foldback Protection (TFP)
Over-Temperature Protection (OTP)
SO-8 (Controller) and SO-7 (With MOSFET) Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
COMP
1
2
3
4
7
6
5
8
GND
RT
VCC
CS
SW
FB
NC
1
2
3
4
7
6
5
GND
COMP
RT
VCC
CS
D
FB
SO-8
SO-7
Applications
Mains Dimmable LED Lamps
Offline LED Power Supply Driver
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AL1692

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
DIMMABLE LED DRIVER
Rev 2
AL1692-10ES7-13 DIODES-AL1692-10ES7-13 Datasheet
320Kb / 14P
DIMMABLE LED DRIVER
Rev 2
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
DIMMABLE LED DRIVER
Rev 3
AL1692-30BS7-13 DIODES-AL1692-30BS7-13 Datasheet
320Kb / 14P
DIMMABLE LED DRIVER
Rev 3
More results

Similar Description - AL1692

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
Dimmable LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
Dimmable LED Drivers
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
Dimmable LED Drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
logo
Dialog Semiconductor
IW3602 DIALOG-IW3602 Datasheet
1Mb / 19P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612 DIALOG-IW3612 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
IW3612 RENESAS-IW3612 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers Rev.
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com