Electronic Components Datasheet Search
  English  ▼

X  

AL1692 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL1692
Description  DIMMABLE LED CONTROLLER/DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1692 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL1692 Datasheet HTML 7Page - Diodes Incorporated AL1692 Datasheet HTML 8Page - Diodes Incorporated AL1692 Datasheet HTML 9Page - Diodes Incorporated AL1692 Datasheet HTML 10Page - Diodes Incorporated AL1692 Datasheet HTML 11Page - Diodes Incorporated AL1692 Datasheet HTML 12Page - Diodes Incorporated AL1692 Datasheet HTML 13Page - Diodes Incorporated AL1692 Datasheet HTML 14Page - Diodes Incorporated AL1692 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AL1692
Document number: DS39008 Rev. 2 - 2
11 of 15
www.diodes.com
September 2017
© Diodes Incorporated
AL1692
Functional Description and Application Information (Cont.)
From the buck-boost output current equation, we can get the output current when dimming:
_
_
_
0
_
1
25
()
2
( )
11
2
2
( )
REF
ON
ON
MAX
O
IN
RMS
PEAK
DI M
IN
RMS
O
V
if t
t
R
I
V
Sin
I
d
else
V
Sin
V
 



…………………… (10)
Where,
is the dimmer conduction angle.
Conduction Angle
(deg)
Output Current (%)
100
0
180
tON<tON_MAX
tON=tON_MAX
Critical Conduction Angle
0
Figure.2 Dimming Curve
Dimmer Compatibility
Passive Bleeder Design
The passive bleeder is designed to supply latching and holding current to eliminate dimmer misfire and flicker.
DB1
C1
L1
R1
FR1
L
N
C2
Passive
Bleeder
Damping
Figure.3 LED Driver Schematic with Passive Bleeder
The passive bleeder includes a capacitor (C2, in hundreds of nF) to provide latching current. A resistor (R1) is necessary to dampen the current
spike. Because a large C2 will affect the PF, THD and efficiency, the value of the capacitor (C2) should be selected accordingly. Generally,
100nF/400V to 330nF/400V is recommended. R1 is used to limit the latching current, If R1 is too large, the latching current is not enough and the
TRIAC dimmer will misfire causing LED flicker. If R1 is too small, it will result in greater power dissipation. Generally speaking
, a 200Ω to 2KΩ
resistor is selected for R1.
Passive Damping Design
FR1 is the damper for reducing the spike current caused by quick charging of C2 at firing. In General, FR1
is selected from 20Ω to 100Ω for low
line like 120VAC
application, and 51Ω to 200Ω for high line like 230VAC application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com