Electronic Components Datasheet Search
  English  ▼

X  

AX88178 Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 13Page - ASIX Electronics Corporation AX88178 Datasheet HTML 14Page - ASIX Electronics Corporation AX88178 Datasheet HTML 15Page - ASIX Electronics Corporation AX88178 Datasheet HTML 16Page - ASIX Electronics Corporation AX88178 Datasheet HTML 17Page - ASIX Electronics Corporation AX88178 Datasheet HTML 18Page - ASIX Electronics Corporation AX88178 Datasheet HTML 19Page - ASIX Electronics Corporation AX88178 Datasheet HTML 20Page - ASIX Electronics Corporation AX88178 Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ASIX ELECTRONICS CORPORATION
17
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
6.2.1.4 PHY Read Register (07h, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AA [7:0]
00h
CC [7:0]
AA [4:0]: The PHY ID value.
CC [4:0]: The register address of Ethernet PHY’s internal register.
AA [7:5]: Reserved
CC [7:5]: Reserved
6.2.1.5 PHY Write Register (08h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AA [7:0]
00h
CC [7:0]
AA [4:0]: The PHY ID value.
CC [4:0]: The register address of Ethernet PHY’s internal register.
AA [7:5]: Reserved
CC [7:5]: Reserved
6.2.1.6 Serial Management Status Register (09h, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Reserved
Host_EN
Host_EN: Host access Enable. Software can read this register to determine the current ownership of Serial
Management Interface.
1: Software is allowed to access Ethernet PHY’s internal registers via PHY Read Register or PHY Write Registers.
0: ASIC’s hardware owns the Serial Management Interface and software’s access is ignored.
6.2.1.7 Hardware Serial Management Control Register (0Ah, write only)
When software is done accessing Serial Management Interface, one needs to issue this command to release the
ownership of the Interface back to ASIC’s hardware. After issuing this command, following PHY Read Register or
PHY Write Register from software will be ignored. NOTE: Software should issue this command every time after
finished accessing Serial Management Interface to release the ownership back to hardware to allow periodic Interrupt
Endpoint to be able to access the Ethernet PHY’s registers via the Serial Management Interface.
6.2.1.8 SROM Read Register (0Bh, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AA [7:0]
AA [7:0]: The read address of Serial EEROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com