Electronic Components Datasheet Search
  English  ▼

X  

AX88178 Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 2Page - ASIX Electronics Corporation AX88178 Datasheet HTML 3Page - ASIX Electronics Corporation AX88178 Datasheet HTML 4Page - ASIX Electronics Corporation AX88178 Datasheet HTML 5Page - ASIX Electronics Corporation AX88178 Datasheet HTML 6Page - ASIX Electronics Corporation AX88178 Datasheet HTML 7Page - ASIX Electronics Corporation AX88178 Datasheet HTML 8Page - ASIX Electronics Corporation AX88178 Datasheet HTML 9Page - ASIX Electronics Corporation AX88178 Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ASIX ELECTRONICS CORPORATION
6
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
TX_CLK
I2
102
Transmit Clock in MII mode. TX_CLK is received from PHY to
provide timing reference for the transfer of TXD [3:0], TX_EN and
TX_ER signals on transmit direction of MII interface.
GTX_CLK
O2
91
Transmit Clock in GMII mode. GTX_CLK is output to PHY to
provide timing reference for the transfer of TXD [7:0], TX_EN and
TX_ER signals on transmit direction of GMII interface.
TXC
O2
90
Transmit Clock in RGMII mode. TXC is output to PHY to provide
timing reference for the transfer of TXD [3:0], and TX_EN signals on
transmit direction of RGMII interface.
TXD [7:0]
O2
76, 77, 78,
79, 82, 83,
84, 85
Transmit Data. TXD [7:0] is transitioned synchronously with respect
to the rising edge of GTX_CLK in GMII mode or rising edge of
TX_CLK in MII mode. In RGMII mode, only TXD [3:0] is used and
is transitioned synchronously with respect to TXC clock output pin.
TX_EN
O2
89
Transmit Enable. TX_EN is transitioned synchronously with respect
to the rising edge of GTX_CLK in GMII mode or rising edge of
TX_CLK in MII mode. TX_EN is asserted high to indicate a valid
TXD [7:0]. In RGMII mode, TX_EN acts as TX_CTL and is
transitioned synchronously with respect to TXC clock output pin.
TX_ER
O2
88
Transmit Coding Error. TX_ER is transitioned synchronously with
respect to the rising edge of GTX_CLK in GMII mode or rising edge
of TX_CLK in MII mode. When asserted high for one or more
GTX_CLK/TX_CLK, the PHY shall emit one or more code-groups
that are not part of the valid data or delimiter set somewhere in the
frame being transmitted.
Serial EEPROM Interface
EECK
O5
4
EEPROM Clock. EECK is an output clock to EEPROM to provide
timing reference for the transfer of EECS, EEDI, and EEDO signals.
The frequency of EECK is 187.5Khz.
EECS
O5
5
EEPROM Chip Select. EECS is asserted high synchronously with
respect to rising edge of EECK as chip select signal.
EEDI
O5
6
EEPROM Data In. EEDI is the serial output data to EEPROM’s data
input pin and is synchronous with respect to the rising edge of EECK.
EEDO
I5/PD
9
EEPROM Data Out. EEDO is the serial input data from EEPROM’s
data output pin.
Misc. Pins
XIN125M
I2
101
125Mhz clock input. Connect to a 125Mhz free run clock source
when in GMII or RGMII mode. In MII mode, connect to GND
through a pull-down resistor.
RESET_N
I5/PU/S
12
Chip Reset Input. RESET_N pin is active low. When asserted, it puts
the entire chip into reset state immediately. After completing reset,
EEPROM data will be loaded automatically.
EXTWAKEUP_N I5/PU/S
11
Remote-wakeup trigger from external pin. EXTWAKEUP_N should
be asserted low for more than 2 cycles of 12MHz clock to be
effective.
GPIO [2:0]
B5/PD
1, 2, 3
General Purpose Input/ Output Pins. These pins are default as input
pins after power-on reset. Please use GPIO0 for controlling the power
down pin of external Ethernet Phy.
PHYRST_N
O2
122
PHYRST_N is a tri-stateable output used for resetting external
Ethernet PHY. This pin is default in tri-state after power-on reset. If
external Ethernet PHY’s reset level is active low, connect this to
PHY’s reset pin with a pulled-down resistor. If it’s active high,
connect this to PHY with a pulled-up resistor. This way can make sure
the external Ethernet PHY stays in reset state before software brings it
out of reset.
RGMII_EN
I3/PD
103
RGMII mode Enable. Setting this pin high sets the Ethernet PHY
interface into RGMII mode. Setting this pin low sets the Ethernet
PHY interface into MII or GMII mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com