Electronic Components Datasheet Search
  English  ▼

X  

AX88178 Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 14Page - ASIX Electronics Corporation AX88178 Datasheet HTML 15Page - ASIX Electronics Corporation AX88178 Datasheet HTML 16Page - ASIX Electronics Corporation AX88178 Datasheet HTML 17Page - ASIX Electronics Corporation AX88178 Datasheet HTML 18Page - ASIX Electronics Corporation AX88178 Datasheet HTML 19Page - ASIX Electronics Corporation AX88178 Datasheet HTML 20Page - ASIX Electronics Corporation AX88178 Datasheet HTML 21Page - ASIX Electronics Corporation AX88178 Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ASIX ELECTRONICS CORPORATION
18
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
6.2.1.9 SROM Write Register (0Ch, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AA [7:0]
00h
CC [7:0]
DD [7:0]
AA [7:0]: The write address of Serial EEROM.
{ DD [7:0], CC [7:0] }: The write data value of Serial EEROM
6.2.1.10 Write SROM Enable (0Dh, write only)
User issues this command to enable write permission to Serial EEPROM from SROM Write Register.
6.2.1.11 Write SROM Disable (0Eh, write only)
User issues this command to disable write permission to Serial EEPROM from SROM Write Register.
6.2.1.12 Rx Control Register (0Fh, read only and 10h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SO
Reserved
AP
AM
AB
SEP
AMALL
PRO
0h
Reserved
MFB [1:0]
AA [7:0] = { SO, Reserved, AP, AM, AB, Reserved, AMALL, PRO }
BB [7:0] = { 0h, Reserved [3:2], SB [1:0] }
PRO: PACKET_TYPE_PROMISCUOUS.
1: All frames received by the ASIC are forwarded up toward the host.
0: Disabled (default).
AMALL: PACKET_TYPE_ALL_MULTICAST.
1: All multicast frames received by the ASIC are forwarded up toward the host, not just the frames whose
scrambling result of DA matching with multicast address list provided in Multicast Filter Array Register.
0: Disabled. This only allows multicast frames whose scrambling result of DA field matching with multicast
address list provided in Multicast Filter Array Register to be forwarded up toward the host (default).
SEP: Save Error Packet.
1: Received packets with CRC error are saved and forwarded to the host anyway.
0: Received packets with CRC error are discarded automatically without forwarding to the host (default).
AB: PACKET_TYPE_BROADCAST.
1: All broadcast frames received by the ASIC are forwarded up toward the host (default).
0: Disabled.
AM: PACKET_TYPE_MULTICAST.
1: All multicast frames whose scrambling result of DA matching with multicast address list are forwarded up to the
host (default).
0: Disabled.
AP: Accept Physical Address from Multicast Filter Array.
1: Allow unicast packets to be forwarded up toward host if the lookup of scrambling result of DA is found within
multicast address list.
0: Disabled, that is, unicast packets filtering are done without regarding multicast address list (default).
SO: Start Operation.
1: Cactus start.
0: Cactus stop (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com