Electronic Components Datasheet Search
  English  ▼

X  

AX88178 Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 27Page - ASIX Electronics Corporation AX88178 Datasheet HTML 28Page - ASIX Electronics Corporation AX88178 Datasheet HTML 29Page - ASIX Electronics Corporation AX88178 Datasheet HTML 30Page - ASIX Electronics Corporation AX88178 Datasheet HTML 31Page - ASIX Electronics Corporation AX88178 Datasheet HTML 32Page - ASIX Electronics Corporation AX88178 Datasheet HTML 33Page - ASIX Electronics Corporation AX88178 Datasheet HTML 34Page - ASIX Electronics Corporation AX88178 Datasheet HTML 35Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
ASIX ELECTRONICS CORPORATION
31
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
7.3.6 Station Management Timing
MDC
MDIO (as output)
MDIO (as input)
Symbol
Description
Min
Typ
Max
Units
Tclk
MDC clock cycle time
-
666
-
ns
Tch
MDC clock high time
-
333
-
ns
Tcl
MDC clock low time
-
333
-
ns
Tod
MDC clock falling edge to MDIO output delay
0
-
2
ns
Ts
MDIO data input setup time
10
-
-
ns
Th
MDIO data input hold time
0
-
-
ns
7.3.7 Serial EEPROM Timing
EECK
EEDI (output)
EECS
EEDO (input)
Symbol
Description
Min
Typ
Max
Units
Tclk
EECK clock cycle time
-
5333
-
ns
Tch
EECK clock high time
-
2666
-
ns
Tcl
EECK clock low time
-
2666
-
ns
Tdv
EEDI output valid to EECK rising edge time
2666
-
-
ns
Tod
EECK rising edge to EEDI output delay time
2666
-
-
ns
Tscs
EECS output valid to EECK rising edge time
2666
-
-
ns
Thcs
EECK falling edge to EECS invalid time
0
-
-
ns
Tlcs
Minimum EECS low time
23904
-
-
ns
Ts
EEDO input setup time
10
-
-
ns
Th
EEDO input hold time
100
-
-
ns
Tch
Tclk
Tcl
VALID
VALID
Tdv
Tod
Tscs
Thcs
Tlcs
Th
DATA VALID
Ts
Tod
Tclk
Ts
Th
Tch
Tcl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com