Electronic Components Datasheet Search
  English  ▼

X  

AX88178 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 25Page - ASIX Electronics Corporation AX88178 Datasheet HTML 26Page - ASIX Electronics Corporation AX88178 Datasheet HTML 27Page - ASIX Electronics Corporation AX88178 Datasheet HTML 28Page - ASIX Electronics Corporation AX88178 Datasheet HTML 29Page - ASIX Electronics Corporation AX88178 Datasheet HTML 30Page - ASIX Electronics Corporation AX88178 Datasheet HTML 31Page - ASIX Electronics Corporation AX88178 Datasheet HTML 32Page - ASIX Electronics Corporation AX88178 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
ASIX ELECTRONICS CORPORATION
29
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
7.3.4 RGMII Timing
Ttclk
Ttch
Ttcl
TXC
TSKEWT
TSKEWT
TXD [3:0]
TX_EN (TX_CTL)
TXC
TXD [3:0], TX_EN (TX_CTL)
Trclk
Trch
Trcl
RX_CLK (RXC)
RXD [3:0]
RX_DV (RX_CTL)
Symbol
Description
Min
Typ
Max
Units
Ttclk
TXC clock cycle time at 1000Mbps *1
7.2
8.0
8.8
ns
Ttch
TXC clock high time at 1000Mbps *2
-
4.0
-
ns
Ttcl
TXC clock low time at 1000Mbps *2
-
4.0
-
ns
TSKEWT TXC clock to TXD [3:0] and TX_EN output skew (at transmitter)
-500
-
500
ps
Trclk
RX_CLK (RXC) clock cycle ime at 1000Mbps *1
7.2
8.0
8.8
ns
Trch
RX_CLK (RXC) clock high time at 1000Mbps *2
-
4.0
-
ns
Trcl
RX_CLK (RXC) clock low time at 1000Mbps *2
-
4.0
-
ns
Trsu
RXD [3:0] and RX_DV (RX_CTL) to RX_CLK (RXC) clock setup time
1.0
-
-
ns
Trhd
RXD [3:0] and RX_DV (RX_CTL) to RX_CLK (RXC) clock hold time
1.0
-
-
ns
*1: For 10Mbps and 100Mbps, Ttclk and Trclk shall scale to 400ns+/-40ns and 40ns+/-4ns respectively.
*2: For 10Mbps and 100Mbps, the typical value of Ttch, Ttcl, Trch, and Trcl shall scale to 200ns and 20ns respectively.
Trsu
Trhd
Trsu
Trhd
RXD [3:0]
RXD [7:4]
RX_DV
RX_ER
TXD [3:0]
TXD [7:4]
TX_EN
TX_ER
< 500ps
< 500ps
< 500ps
< 500ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com