Electronic Components Datasheet Search
  English  ▼

X  

MSM58321 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM58321 Datasheet HTML 4Page - OKI electronic componets MSM58321 Datasheet HTML 5Page - OKI electronic componets MSM58321 Datasheet HTML 6Page - OKI electronic componets MSM58321 Datasheet HTML 7Page - OKI electronic componets MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets MSM58321 Datasheet HTML 10Page - OKI electronic componets MSM58321 Datasheet HTML 11Page - OKI electronic componets MSM58321 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
¡ Semiconductor
MSM58321
14
3
Name
Pin No.
Description
READ
READ pin is used to read data; it is activated when it is at the H level. Address
contents are latched with ADDRESS LATCH inside the IC at the D0 ~ D3 and
ADDRESS WRITE pins to select the object digit, then an H-level signal is input
to the READ pin to read data.
If a count operation is continued by setting the STOP input to the L level, read
operation must be performed, in principle, while the BUSY output is at the H
level. While the BUSY output is at the L level, count operations are performed
by digit counters and read data is not guaranteed, therefore, read operations are
inhibited in this period. Figure 2 shows a time chart of the BUSY output, 1 Hz
signal inside the IC, and READ input.
A read operation is stopped temporarily within a period of 244 µs from the BUSY
output trailing edge and it is restarted when the BUSY output goes to the H level
again.
If the counter operation is stopped by setting the STOP input to the H level, read
operations are enabled regardless of the BUSY output.
A read operation is enabled by microcomputer software regardless of the BUSY
output during the counter operation by setting the STOP input to the L level.
In this method, read operations are performed two or more times continuously
and data that matches twice is used as guaranteed data.
427 µs
BUSY
1 Hz (inside IC)
Read-enabled
period
The counter inside the IC
starts counting at the
1 Hz signal leading edge.
244 µs
122 µs 61 µs
Read-enabled period
Read operation is enabled in this period:
however, it is used for program switching.
READ input
Read-inhibited period
1 sec
Figure 2
BUSY
1 Hz (inside IC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com