Electronic Components Datasheet Search
  English  ▼

X  

MSM58321 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM58321 Datasheet HTML 5Page - OKI electronic componets MSM58321 Datasheet HTML 6Page - OKI electronic componets MSM58321 Datasheet HTML 7Page - OKI electronic componets MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets MSM58321 Datasheet HTML 10Page - OKI electronic componets MSM58321 Datasheet HTML 11Page - OKI electronic componets MSM58321 Datasheet HTML 12Page - OKI electronic componets MSM58321 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
¡ Semiconductor
MSM58321
15
8
Name
Pin No.
Description
D0 ~ D3
Data input/output pins. (Bidirectional bus). The output is a open-drain type and
4.7 k
Ω ~ 10 kΩ pull-up registers are required utilize these pins as output pins.
Ground pin.
ADDRESS WRITE pin is used to load address information from the D0 ~ D3 I/O
bus pins to the ADDRESS LATCH inside the IC; it is activated when it is at the H
level. This input is activated by the level, not by the edge. Figure 3 shows the
relationships between the D0 address input, ADDRESS WRITE input, and
ADDRESS LATCH input/output.
BUSY pin outputs the IC operation state. It is N-channel MOSFET open-drain
output. An external pull-up resistor of 4.6 k
Ω or more must be connected (see
Figure 4) to use the BUSY output. The signals are output in negative logics. If
the oscillator oscillates at 32.768 kHz, the frequency is always 1 Hz regardless of
the CS1 and CS2 unless the D output of the ADDRESS DECODER inside the IC
is H (CODE = H•L•H•H) and CS1 = CS2 = WRITE = H.
Figure 5 shows the BUSY output time chart.
427 µs
BUSY
1 Hz (inside IC)
The counter inside the IC
starts counting at the
1 Hz signal leading edge.
244 µs
122 µs 61 µs
Read/write-inhibited period
1 sec
Figure 5
BUSY
1 Hz (inside IC)
GND
ADDRESS
WRITE
BUSY
9
4 ~ 7
10
D0 input
ADDRESS WRITE
DI0
L
DO0
LATCH output
ADDRESS LATCH
(inside IC)
Figure 3
(peripheral circuit power)
4.7 k
Ω or more
+5V
BUSY
N
RESET
WRITE
MSM58321RS
D
BUSY
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com