Electronic Components Datasheet Search
  English  ▼

X  

MSM58321 Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets MSM58321 Datasheet HTML 10Page - OKI electronic componets MSM58321 Datasheet HTML 11Page - OKI electronic componets MSM58321 Datasheet HTML 12Page - OKI electronic componets MSM58321 Datasheet HTML 13Page - OKI electronic componets MSM58321 Datasheet HTML 14Page - OKI electronic componets MSM58321 Datasheet HTML 15Page - OKI electronic componets MSM58321 Datasheet HTML 16Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
¡ Semiconductor
MSM58321
22
APPLICATION EXAMPLE – POWER SUPPLY CIRCUIT
VF = 0.69V
1S1588
+5.7V
or
C372
VF = 0.69
100
Ω
+
1.2x3 = 3.6V
Ni-Cd battery
+
–
4.7µ
VDD
GND
Ripple
Operating state
Backup
MSM58321
20 mV P-P
0 mV
a)
VCE (Sat) = 0.1V
A495
51K
10K
10K
100
Ω
C372
RL
M C
100
Ω
1.5x2 = 3V
Dry cell
(Recommended circuit)
+V
(Power voltage
approximately
1.5V higher than
5V)
+5V
(Peripheral
circuit power)
D1
D2
R2
100
Ω
3.6V
Ni-Cd
battery
20 mV P-P
0 mV
VDD
GND
Ripple
Operating state
Backup
MSM58321
4.7µ
+
–
+
–
VDD
GND
MSM58321
4.7µ
+
–
+5V
RL
+
–
B
VDD
GND
MSM58321
4.7µ
+
–
b)
c)
d)
Note: Use the same diodes for D1 and D2 to reduce the level difference between +5V and VDD of the MSM58321.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com