Electronic Components Datasheet Search
  English  ▼

X  

MSM58321 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets MSM58321 Datasheet HTML 10Page - OKI electronic componets MSM58321 Datasheet HTML 11Page - OKI electronic componets MSM58321 Datasheet HTML 12Page - OKI electronic componets MSM58321 Datasheet HTML 13Page - OKI electronic componets MSM58321 Datasheet HTML 14Page - OKI electronic componets MSM58321 Datasheet HTML 15Page - OKI electronic componets MSM58321 Datasheet HTML 16Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
¡ Semiconductor
MSM58321
18
Conditions
Output
pin
Reference signal
frequency
1024 Hz
1 Hz
1/60 Hz
1/3600 Hz
Reference signals are output from the D0 ~ D3 pins under the following conditions:
REFERENCE SIGNAL OUTPUT
Output logic
Pisitive logic
Negative logic
Negative logic
Netgative logic
Pulse width
488.3 µs
122.1 µs
122.1 µs
122.1 µs
D0
D1
D2
D3
WRITE = L
READ = H
CS1 = CS2 = H
ADDRESS = E or F
1024 Hz
1 Hz
1/60 Hz
1/3600 Hz
1 Hz
(inside IC)
BUSY
488.3 µs
488.3 µs
244 µs
122 µs 61 µs
122.1 µs =
x4
488.3 µs =
x16
32,768
10-3
32,768
10-3
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com