Electronic Components Datasheet Search
  English  ▼

X  

MSM58321 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets MSM58321 Datasheet HTML 10Page - OKI electronic componets MSM58321 Datasheet HTML 11Page - OKI electronic componets MSM58321 Datasheet HTML 12Page - OKI electronic componets MSM58321 Datasheet HTML 13Page - OKI electronic componets MSM58321 Datasheet HTML 14Page - OKI electronic componets MSM58321 Datasheet HTML 15Page - OKI electronic componets MSM58321 Datasheet HTML 16Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
¡ Semiconductor
MSM58321
20
Figure 12
BUSY
1 Hz (inside IC)
WRITE input
1 sec
If a count operation is continued by setting the STOP input to the L level, write operation must be performed, in
principle, while the BUSY output is at the H level. While the BUSY output is at the L level, count operations are
performed by the digit counters and write operation is inhibited, but there is a marginal period of 244 µs from the
BUSY output trailing edge. If the BUSY output goes to the L level during a write operation, the write operation is
stopped temporarily within 244 µs and it is restarted when the BUSY output goes to the H level again. Figure 12
shows a time chart of BUSY output, 1 Hz signal inside the IC, and WRITE input.
Figure 13
32,768 kHz
OSC
15-stage
frequency
divider
circuit
Stages
11~15
1~10 stage
015
R
BUSY
R
1 Hz
BUSY
STOP
WRITE
N
RESET
STOP
WRITE
Rp
CS
From ADDRESS DECODER
A0 A1 A2 A3
H
L
H
H
t3
t1
t2
O15
(inside IC)
1 Hz
(inside IC)
RESET (inside IC)
t1 = 1000.1221 ±31.25 ms
t2 = 1000.3663 ±31.25 ms
t3 = 1000 ±31.25 ms
Rp
D
Frequency divider and
BUSY circuit reset
If A0 ~ A3 = H•L•H•H is input to ADDRESS DECODER, the DECODER output (D) goes to the H level. If CS1 = CS2 =
H and WRITE = H in this state, the 5 poststage in the 15-stage frequency divider and the BUSY circuit are reset.
In this period, the BUSY output remains at the H level and the 1 Hz signal inside the IC remains at the L level, and
counting is stopped. If this reset is inactivated while the oscillator operates, the BUSY output goes to the L level after
1000.1221 ±31.25 ms and the 1 Hz signal inside the IC goes to the H level after 1000.3663 ±31.25 ms. These times
are not the same because the first ten stages in the 15-stage frequency divider are not reset. (See Figure 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com